Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS7N80 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MS7N80
Description  800V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS7N80 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MS7N80 Datasheet HTML 1Page - Bruckewell Technology LTD MS7N80 Datasheet HTML 2Page - Bruckewell Technology LTD MS7N80 Datasheet HTML 3Page - Bruckewell Technology LTD MS7N80 Datasheet HTML 4Page - Bruckewell Technology LTD MS7N80 Datasheet HTML 5Page - Bruckewell Technology LTD MS7N80 Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MS7N80
800V N-Channel MOSFET
Publication Order Number: [MS7N80]
© Bruckewell Technology Corporation Rev. A -2014
Description
The MS7N80 is a N-channel enhancement-mode
MOSFET, providing the designer with the best
combination of fast switching, ruggedized device design,
low on-resistance and cost effectiveness. The TO-220
package is universally preferred for all
commercial-industrial applications
Features
• Originative New Design
• Very Low Intrinsic Capacitances
• Excellent Switching Characteristics
• Unrivalled Gate Charge : 37nC (Typ.)
• Extended Safe Operating Area
• Lower RDS(ON) : 1.70 Ω (Typ.) @VGS=10V
• 100% Avalanche Tested
• RoHS compliant package
Application
• Adapter
• Switching Mode Power Supply
Packing & Order Information
50/Tube ; 1,000/Box
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (Tc=25°C unless otherwise specified)
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage
800
V
VGS
Gate-Source Voltage
±30
V
ID
Drain Current -Continuous (TC=25°C)
7.0
A
Drain Current -Continuous (TC=100°C)
4.2
A
IDM
Drain Current Pulsed
26.5
A
EAS
Single Pulsed Avalanche Energy
580
mJ
EAR
Repetitive Avalanche Energy
16.8
mJ
dv/dt
Peak Diode Recovery dv/dt
4.5
V/ns


Similar Part No. - MS7N80

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS7N60 BWTECH-MS7N60 Datasheet
396Kb / 4P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MS7N80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
800V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM3N80 KERSEMI-KSM3N80 Datasheet
1Mb / 6P
800V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF8N80 GOOD-ARK-SSF8N80_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
SSF6N80F GOOD-ARK-SSF6N80F_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
SSF3N80F GOOD-ARK-SSF3N80F_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLD80R380SJ MAPLESMI-SLD80R380SJ Datasheet
1Mb / 8P
800V N-Channel MOSFET
SLD80R850SJ MAPLESMI-SLD80R850SJ Datasheet
620Kb / 7P
800V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR12N80ANG FOSTER-FIR12N80ANG Datasheet
2Mb / 8P
800V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLH80R500SJ MAPLESMI-SLH80R500SJ Datasheet
1Mb / 8P
800V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HM7N80 HMSEMI-HM7N80 Datasheet
333Kb / 8P
800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com