Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMP522 Datasheet(PDF) 3 Page - IMP, Inc

Part # IMP522
Description  Dual EL Lamp Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP522 Datasheet(HTML) 3 Page - IMP, Inc

  IMP522 Datasheet HTML 1Page - IMP, Inc IMP522 Datasheet HTML 2Page - IMP, Inc IMP522 Datasheet HTML 3Page - IMP, Inc IMP522 Datasheet HTML 4Page - IMP, Inc IMP522 Datasheet HTML 5Page - IMP, Inc IMP522 Datasheet HTML 6Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IMP522
IMP522
© 2001 IMP, Inc.
Electroluminescent Lamp Drivers
3
Pin Descriptions
r
e
b
m
u
N
n
i
Pe
m
a
Nn
o
i
t
c
n
u
F
1V D
D
d
e
t
a
l
u
g
e
r
n
u
e
t
a
r
a
p
e
s
a
o
t
r
o
e
r
e
h
d
e
t
c
e
n
n
o
c
e
b
y
a
m
L
r
o
t
c
u
d
n
I
.
y
l
p
p
u
s
e
g
a
t
l
o
v
e
v
i
t
i
s
o
P
.
y
l
p
p
u
s
2R
C
S
O
-
W
S
R
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
e
e
h
T
.
n
i
p
r
o
t
s
i
s
e
r
e
d
o
m
-
h
c
t
i
w
S
W
S
.
y
c
n
e
u
q
e
r
f
g
n
i
h
c
t
i
w
s
s
e
n
i
m
r
e
t
e
d
3CS
l
a
u
q
e
y
l
e
t
a
m
i
x
o
r
p
p
a
s
i
p
m
a
l
L
E
e
h
t
s
s
o
r
c
a
e
g
a
t
l
o
v
e
h
T
.
r
o
t
i
c
a
p
a
c
e
g
a
r
o
t
s
r
e
t
r
e
v
n
o
c
t
s
o
o
B
C
t
a
e
g
a
t
l
o
v
e
h
t
e
c
i
w
t
o
t
S.
4LX
.
L
r
o
t
c
u
d
n
i
k
c
a
b
y
l
f
o
t
n
o
i
t
c
e
n
n
o
C
5VB
.
B
p
m
a
L
L
E
r
o
f
t
u
p
t
u
O
6D
N
G.
d
n
u
o
r
G
7V B
A
.
s
p
m
a
l
L
E
h
t
o
b
r
o
f
l
a
n
i
m
r
e
t
n
o
m
m
o
C
8VA
.
A
p
m
a
L
L
E
r
o
f
t
u
p
t
u
O
9L
E
S
P
M
L
.
s
p
m
a
l
h
t
o
b
r
o
B
p
m
a
l
r
o
A
p
m
a
l
r
e
h
t
i
e
t
c
e
l
e
S
.
n
i
p
t
u
p
n
i
e
t
a
t
s
-
e
e
r
h
t
l
a
t
i
g
i
D
0
1R
C
S
O
-
L
E
R
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
E
.
n
i
p
g
n
i
t
t
e
s
y
c
n
e
u
q
e
r
f
r
o
t
a
ll
i
c
s
o
p
m
a
l
L
E
e
h
T
L
E
V
o
t
d
e
t
c
e
n
n
o
c
D
D
s
t
e
s
.
s
p
m
a
l
h
t
o
b
r
o
f
y
c
n
e
u
q
e
r
f
e
v
i
r
d
p
m
a
L
L
E
e
h
t
s
p
e
.
1
0
t
_
2
2
5
Figure 1. Test Circuit
Application Information
+
–
+
VDD
RSW-OSC
CS
LX
REL-OSC
VA
VAB
LMPSEL
VB
GND
10
9
8
7
EL LAMP
10nF
EL LAMP
10nF
1
2
3
4
6
5
IMP522
REL
Enable/Disable Strobe
VDD
FDLL400
L
522_04.eps
ON = VDD
OFF = 0V
RSW
CS
0.1
µF
10
µF
L = 220
µH
REL = 2.7M
Ω
RSW = 910k
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com