Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMP522 Datasheet(PDF) 5 Page - IMP, Inc

Part # IMP522
Description  Dual EL Lamp Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP522 Datasheet(HTML) 5 Page - IMP, Inc

  IMP522 Datasheet HTML 1Page - IMP, Inc IMP522 Datasheet HTML 2Page - IMP, Inc IMP522 Datasheet HTML 3Page - IMP, Inc IMP522 Datasheet HTML 4Page - IMP, Inc IMP522 Datasheet HTML 5Page - IMP, Inc IMP522 Datasheet HTML 6Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IMP522
IMP522
© 2001 IMP, Inc.
Electroluminescent Lamp Drivers
5
Power Sequencing
To power up the chip, the RSW-OSC pin is connected to VDD through
the external RSW resistor. The voltage on the pin will charge up to
VDD/2. An internal threshold detector circuit monitors the pin
voltage and when it exceeds the threshold range (0.2V to 0.9V) it
powers up the oscillator and internal bias modules. This starts a
delay counter which is one half of the EL oscillator period, after
which power to the high voltage internal modules is applied. The
IMP522 is then operating fully.
To power down the chip, RSW is driven to ground via a switch or
logic gate. When the voltage on the driver side of the resistor falls
below VDD/2, there will be no input bias current into the RSW-OSC
pin. This immediately powers down the internal high-voltage
circuits, which effectively shuts the lamp off. At this point the
oscillator and bias modules still draw quiescent current, but oscil-
lations have ceased. As the RSW-OSC pin voltage falls below 0.1, the
oscillator and bias modules are also fully powered down.
Figure 1. Driver Waveforms
522_03.eps
IN (Pulse)
ILX
VLX
Power Saving Disable Mode
The IMP522 can be powered up and down with RSW-OSC. In
normal operation, this resistor on the RSW-OSC pin is connected to
VDD or another voltage source. To power down (disable) the
IMP522, RSW is connected to ground.
When disabled, the IMP522 quiescent current drops to typically 20nA.
In die form, an extra pin ENABLE is available (contact factory).
Connecting this pad to VDD disables the chip. The ENABLE signal
can be driven by a microcontroller.
Oscillator Frequency Adjustment
The EL lamp drive and PWM boost converter oscillation frequen-
cies can be programmed independently.
The RSW resistor, connected between the RSW-OSC pin and VDD,
determines the Inductor Switching (or PWM-) frequency. For the
recommended nominal resistor value of 910k
Ω, the frequency is
61kHz. For other resistor values, the frequency is inversely pro-
portional to the resistor value. Increasing the resistance will lower
the frequency.
The REL resistor, connected between the REL-OSC pin and VDD,
determines the EL lamp drive frequency. For the recommended
nominal resistor value of 2.7M
Ω, the frequency is 250Hz. For
other resistor values, the frequency is inversely proportional to
the resistor value: increasing the resistance will lower the fre-
quency.
r
o
t
a
ll
i
c
s
O
l
a
n
i
m
o
N
r
o
t
s
i
s
e
R
l
a
n
i
m
o
N
y
c
n
e
u
q
e
r
F
e
v
i
r
D
p
m
a
L
L
ER L
E
M
7
.
2
=
z
H
0
5
2
)
M
W
P
(
h
c
t
i
w
S
r
o
t
c
u
d
n
IR W
S
k
0
1
9
=
z
H
k
1
6
s
p
e
.
3
0
t
_
2
2
5
Application Information



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com