Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMP522 Datasheet(PDF) 4 Page - IMP, Inc

Part # IMP522
Description  Dual EL Lamp Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP522 Datasheet(HTML) 4 Page - IMP, Inc

  IMP522 Datasheet HTML 1Page - IMP, Inc IMP522 Datasheet HTML 2Page - IMP, Inc IMP522 Datasheet HTML 3Page - IMP, Inc IMP522 Datasheet HTML 4Page - IMP, Inc IMP522 Datasheet HTML 5Page - IMP, Inc IMP522 Datasheet HTML 6Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IMP522
IMP522
4
408-432-9100/www.impweb.com
© 2001 IMP, Inc.
Application Information
EL Lamp Drive
The outputs VA – VAB and VB – VAB are configured as H-bridges,
driven by the EL oscillator. Each output is switched between CS
and ground on alternate phases, creating peak-to-peak signals
across the EL lamps of twice the regulated voltage.
EL Lamp Selection: LMPSEL
The digital input pin LMPSEL allows either or both EL lamps to
be active. Lamp A is active when LMPSEL is LOW and lamp B is
active when LMPSEL is HIGH. When LMPSEL is left floating or
driven by a three-state driver in the high impedance state, both
lamp driver outputs are active.
The logic HIGH signal level is defined as greater than 0.7VDD and
logic LOW is defined as less than 0.3VDD. A floating level is rec-
ognized with the signal level between 0.3VDD and 0.7VDD, or
when the output impedance of the driving voltage signal source
is infinite (driver in OFF state).
Both drivers are OFF if the IMP522 is disabled.
L
E
S
P
M
L
l
a
n
g
i
S
e
v
i
r
D
A
p
m
a
L
VA
d
n
aV B
A
e
v
i
r
D
B
p
m
a
L
VB
d
n
aV B
A
H
G
I
HF
F
ON
O
W
O
LN
OF
F
O
/
g
n
i
t
a
o
l
F
e
c
n
a
d
e
p
m
I
h
g
i
H
N
ON
O
s
p
e
.
2
0
t
_
2
2
5
EL Driver Output Overvoltage Regulator
The IMP522 maximum VCS output voltage is between 110V and
120V. The internal overvoltage regulator skips the inductor
switching whenever the voltage on the CS pin exceeds the regula-
tion threshold. The internal overvoltage detection trip point has a
hysterisis of 1V and a range of 110V to 120V at room temperature.
PWM Circuit Switching
The switching MOSFET is driven by the PWM signal (nominally
61kHz). During the first 88% of the period, the switch is ON,
providing a low impedance path (<8
Ω) from LX to ground. This
causes the external inductor to charge. In the last 12% of the
period, the MOSFET is turned OFF. This causes the voltage on
the output of LX to rise up to a high value. At some point, this will
forward-bias the external diode, thus pumping charge into the
storage capacitor CS. The voltage on CS increases each cycle to
between 110V and 120V. When the internal regulation trip-point is
reached, the overvoltage regulator turns the MOSFET switch OFF
to conserve power.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com