Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E28F004SC-120 Datasheet(PDF) 20 Page - Intel Corporation

Part # E28F004SC-120
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F004SC-120 Datasheet(HTML) 20 Page - Intel Corporation

Back Button E28F004SC-120 Datasheet HTML 16Page - Intel Corporation E28F004SC-120 Datasheet HTML 17Page - Intel Corporation E28F004SC-120 Datasheet HTML 18Page - Intel Corporation E28F004SC-120 Datasheet HTML 19Page - Intel Corporation E28F004SC-120 Datasheet HTML 20Page - Intel Corporation E28F004SC-120 Datasheet HTML 21Page - Intel Corporation E28F004SC-120 Datasheet HTML 22Page - Intel Corporation E28F004SC-120 Datasheet HTML 23Page - Intel Corporation E28F004SC-120 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
E
20
PRELIMINARY
4.10
Clear Block Lock-Bits
Command
All set block lock-bits are cleared in parallel via the
Clear Block Lock-Bits command. With the master
lock-bit not set, block lock-bits can be cleared using
only the Clear Block Lock-Bits command. If the
master lock-bit is set, clearing block lock-bits
requires both the Clear Block Lock-Bits command
and VHH on the RP# pin. See Table 6 for a
summary of hardware and software write protection
options.
Clear block lock-bits operation is initiated using a
two-cycle command sequence.
A
clear
block
lock-bits setup is written first. Then, the device
automatically outputs status register data when
read (see Figure 12). The CPU can detect
completion of the clear block lock-bits event by
analyzing the RY/BY# pin output or status register
bit SR.7.
When the operation is complete, status register bit
SR.5 should be checked. If a clear block lock-bit
error is detected, the status register should be
cleared. The CUI will remain in read status register
mode until another command is issued.
This two-step sequence of set-up followed by
execution ensures that block lock-bits are not
accidentally
cleared.
An
invalid
Clear
Block
Lock-Bits command sequence will result in status
register bits SR.4 and SR.5 being set to “1.” Also, a
reliable clear block lock-bits operation can only
occur when VCC = VCC2/3 and VPP = VPPH1/2/3. If a
clear block lock-bits operation is attempted while
VPP
≤ VPPLK, SR.3 and SR.5 will be set to “1.” In the
absence of this high voltage, the block lock-bits
content are protected against alteration. A suc-
cessful clear block lock-bits operation requires that
the master lock-bit is not set or, if the master lock-
bit is set, that RP# = VHH. If it is attempted with the
master lock-bit set and RP# = VIH, SR.1 and SR.5
will be set to “1” and the operation will fail. A clear
block lock-bits operation with VIH < RP# < VHH
produce spurious
results
and
should
not
be
attempted.
If a clear block lock-bits operation is aborted due to
VPP or VCC transitioning out of valid range or RP#
active transition, block lock-bit values are left in an
undetermined state. A repeat of clear block lock-
bits is required to initialize block lock-bit contents to
known values. Once the master lock-bit is set, it
cannot be cleared.
Table 6. Write Protection Alternatives
Operation
Master
Lock-Bit
Block
Lock-Bit
RP#
Effect
Block Erase or
0
VIH or VHH
Block Erase and Program Enabled
Program
X
1
VIH
Block is Locked. Block Erase and Program Disabled
VHH
Block Lock-Bit Override. Block Erase and Program
Enabled
Set Block
0
X
VIH or VHH
Set Block Lock-Bit Enabled
Lock-Bit
1
X
VIH
Master Lock-Bit is Set. Set Block Lock-Bit Disabled
VHH
Master Lock-Bit Override. Set Block Lock-Bit
Enabled
Set Master
X
X
VIH
Set Master Lock-Bit Disabled
Lock-Bit
VHH
Set Master Lock-Bit Enabled
Clear Block
0
X
VIH or VHH
Clear Block Lock-Bits Enabled
Lock-Bits
1
X
VIH
Master Lock-Bit is Set. Clear Block Lock-Bits
Disabled
VHH
Master Lock-Bit Override. Clear Block Lock-Bits
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com