Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E28F004SC-120 Datasheet(PDF) 28 Page - Intel Corporation

Part # E28F004SC-120
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F004SC-120 Datasheet(HTML) 28 Page - Intel Corporation

Back Button E28F004SC-120 Datasheet HTML 24Page - Intel Corporation E28F004SC-120 Datasheet HTML 25Page - Intel Corporation E28F004SC-120 Datasheet HTML 26Page - Intel Corporation E28F004SC-120 Datasheet HTML 27Page - Intel Corporation E28F004SC-120 Datasheet HTML 28Page - Intel Corporation E28F004SC-120 Datasheet HTML 29Page - Intel Corporation E28F004SC-120 Datasheet HTML 30Page - Intel Corporation E28F004SC-120 Datasheet HTML 31Page - Intel Corporation E28F004SC-120 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
E
28
PRELIMINARY
5.0
DESIGN CONSIDERATIONS
5.1
Three-Line Output Control
Intel provides three control inputs to accommodate
multiple memory connections: CE#, OE#, and RP#.
Three-line control provides for:
a.
Lowest possible memory power dissipation.
b.
Data bus contention avoidance.
To use these control inputs efficiently, an address
decoder should enable CE# while OE# should be
connected to all memory devices and the system’s
READ# control line. This assures that only selected
memory devices have active outputs while de-
selected memory devices are in standby mode.
RP#
should
be
connected
to
the
system
POWERGOOD signal to prevent unintended writes
during system power transitions. POWERGOOD
should also toggle during system reset.
5.2
RY/BY# Hardware Detection
RY/BY# is a full CMOS output that provides a
hardware method of detecting block erase, program
and lock-bit configuration completion. This output
can be directly connected to an interrupt input of
the system CPU. RY/BY# transitions low when the
WSM is busy and returns to VOH when it is finished
executing the internal algorithm. During suspend
and deep power-down modes, RY/BY# remains at
VOH.
5.3
Power Supply Decoupling
Flash memory
power
switching
characteristics
require
careful
device
decoupling.
System
designers are interested in three supply current
issues: standby current levels, active current levels
and transient peaks produced by falling and rising
edges of CE# and OE#. Two-line control and proper
decoupling
capacitor
selection
will
suppress
transient voltage peaks. Each device should have a
0.1 µF ceramic capacitor connected between its
VCC and GND and between its VPP and GND.
These high-frequency, low-inductance capacitors
should be placed as close as possible to package
leads. Additionally, for every eight devices, a 4.7 µF
electrolytic capacitor should be placed at the array’s
power supply connection between VCC and GND.
The bulk capacitor will overcome voltage slumps
caused by PC board trace inductance.
5.4
VPP Trace on Printed Circuit
Boards
Updating flash memories that reside in the target
system requires that the printed circuit board
designer pay attention to the VPP power supply
trace. The VPP pin supplies the memory cell current
for byte writing and block erasing. Use similar trace
widths and layout considerations given to the VCC
power bus. Adequate VPP supply traces and
decoupling will decrease VPP voltage spikes and
overshoots.
5.5
VCC, VPP, RP# Transitions
Block erase, program and lock-bit configuration are
not guaranteed if VPP or VCC fall outside of a valid
voltage range (VCC2/3 and VPPH1/2/3) or RP#
≠ VIH or
VHH. If VPP error is detected, status register bit
SR.3 is set to “1” along with SR.4 or SR.5,
depending on the attempted operation. If RP#
transitions to VIL during block erase, program, or
lock-bit configuration, RY/BY# will remain low until
the reset operation is complete. Then, the operation
will abort and the device will enter deep power-
down. The aborted operation may leave data
partially altered. Therefore, the command sequence
must
be
repeated
after
normal
operation
is
restored.
5.6
Power-Up/Down Protection
The device is designed to offer protection against
accidental block erasure, byte writing, or lock-bit
configuration during power transitions. Upon power-
up, the device is indifferent as to which power
supply (VPP or VCC) powers-up first. Internal
circuitry resets the CUI to read array mode at
power-up.
A system designer must guard against spurious
writes for VCC voltages above VLKO when VPP is
active. Since both WE# and CE# must be low for a
command write, driving either input signal to VIH will
inhibit
writes.
The
CUI’s
two-step
command
sequence architecture provides an added level of
protection against data alteration.
In-system block lock and unlock renders additional
protection during power-up by prohibiting block
erase and program operations. The device is
disabled while RP# = VIL regardless of its control
inputs state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com