Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E28F004SC-120 Datasheet(PDF) 34 Page - Intel Corporation

Part # E28F004SC-120
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F004SC-120 Datasheet(HTML) 34 Page - Intel Corporation

Back Button E28F004SC-120 Datasheet HTML 30Page - Intel Corporation E28F004SC-120 Datasheet HTML 31Page - Intel Corporation E28F004SC-120 Datasheet HTML 32Page - Intel Corporation E28F004SC-120 Datasheet HTML 33Page - Intel Corporation E28F004SC-120 Datasheet HTML 34Page - Intel Corporation E28F004SC-120 Datasheet HTML 35Page - Intel Corporation E28F004SC-120 Datasheet HTML 36Page - Intel Corporation E28F004SC-120 Datasheet HTML 37Page - Intel Corporation E28F004SC-120 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
E
34
PRELIMINARY
IH
V
IL
V
RP# (P)
IH
V
IL
V
RY/BY# (R)
P1
P2
Figure 17. AC Waveform for Reset Operation
Table 8. Reset Specifications
2.7 V VCC
3.3 V VCC
5 V VCC
#
Sym
Parameter
Notes Min
Max
Min
Max
Min
Max Unit
P1 tPLPH
RP# Pulse Low Time (If RP# is tied to VCC,
this specification is not applicable)
100
100
100
ns
P2 tPLRH RP# Low to Reset during Block Erase,
Program, or Lock-Bit Configuration
2,3
20
12
µs
NOTES:
1.
These specifications are valid for all product versions (packages and speeds).
2.
If RP# is asserted when the WSM is not busy (RY/BY# = “1”), the reset will complete within 100 ns.
3.
A reset time, tPHQV, is required from the latter of RY/BY# or RP# going high until outputs are valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com