Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

82091AA Datasheet(PDF) 21 Page - Intel Corporation

Part # 82091AA
Description  ADVANCED INTEGRATED PERIPHERAL (AIP)
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82091AA Datasheet(HTML) 21 Page - Intel Corporation

Back Button 82091AA Datasheet HTML 17Page - Intel Corporation 82091AA Datasheet HTML 18Page - Intel Corporation 82091AA Datasheet HTML 19Page - Intel Corporation 82091AA Datasheet HTML 20Page - Intel Corporation 82091AA Datasheet HTML 21Page - Intel Corporation 82091AA Datasheet HTML 22Page - Intel Corporation 82091AA Datasheet HTML 23Page - Intel Corporation 82091AA Datasheet HTML 24Page - Intel Corporation 82091AA Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 204 page
background image
82091AA
261 COMPATIBILITY PROTOCOL SIGNAL DESCRIPTION
Except for the data bus the 82091AA and compatibility protocol signal names are the same For the data bus
the 82091AA signal names PD 70 corresponds to the compatibility protocol signal names Data 81
82091AA
Signal
Type
Compatibility Protocol Signal Name and Description
Name
STROBE
O
STROBE
The host asserts STROBE
to latch data into the peripheral device’s
input latch This signal is controlled via the PCON Register
BUSY
I
BUSY
BUSY is asserted by the peripheral to indicate that the peripheral device
is not ready to receive data The status of this signal line is reported in the PSTAT
Register
ACK
I
ACKNOWLEDGE
The printer asserts this signal to indicate that it has received
the data and is ready for new data The status of this signal line is reported in the
PSTAT Register
SELECT
I
SELECT
SELECT is asserted by the peripheral device to indicate that the device
is on line The status of this signal line is reported in the PSTAT Register
PERROR
I
PAPER ERROR
The peripheral device asserts PERROR to indicate that it has
encountered an error in the paper path The exact meaning varies from peripheral
device to peripheral device The status of this signal line is reported in the PSTAT
Register
FAULT
I
FAULT
FAULT
is asserted by the peripheral device to indicate that an error
has occurred The status of this signal line is reported in the PSTAT Register
INIT
O
INITIALIZE
The host asserts INIT
to issue a hardware reset to the peripheral
device This signal is controlled via the PCON Register
AUTOFD
O
AUTO FEED
AUTOFD
is asserted by the host to put the peripheral device into
auto-line feed mode This means that when software asserts this signal the
printer is instructed to advance the paper one line for each carriage return
encountered This signal is controlled via the PCON Register
PD 70
O
DATA
Forward channel data
SELECTIN
O
SELECT INPUT
SELECTIN
is asserted by the host to select a peripheral
device This signal is controlled via the PCON Register
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com