Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FC80960HT60SL2G2 Datasheet(PDF) 81 Page - Intel Corporation

Part # FC80960HT60SL2G2
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FC80960HT60SL2G2 Datasheet(HTML) 81 Page - Intel Corporation

Back Button FC80960HT60SL2G2 Datasheet HTML 77Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 78Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 79Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 80Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 81Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 82Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 83Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 84Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 85Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
75
Figure 59. Bus States
Ti = IDLE
Th = HOLD
Ta = ADDRESS
Td = DATA
Tb = BOFF’ed
Taw= address to data wait
To = ONCE
Ta
Tb
Td1
Taw2
Trw4
Tdw3
Th
Ti
To
Tdw= data to data wait
Tdw= data to address wait
!BOFF and READ and Nrdd =0
READ and Nrdd >0 or
WRITE and Nwdd >0
BOFF
WdCNT = 1
!BOFF and
WaCNT = 1
WxCNT=1 and
HOLD
WxCNT > 1
BOFF
!BOFF
HOLD
HOLD
!HOLD
NOTE:
1. When the PMCON for the region has External Ready Control enabled, wait states are inserted as
long as READY and BTERM are de-asserted. When Read Pipelining is enabled, the Ta state of the
subsequent read access is concurrent with the last data cycle of the access. Because External
Ready Control is disabled for Read Pipelining, the address cycle occurs during BLAST.
2. WaCNT is decremented during Taw
3. WdCNT is decremented during Tdw
4. WxCNT is decremented during Trw
!HOLD and WxCNT=1
and !REQUEST
!HOLD and WxCNT=1
and REQUEST
!RESET and
!HOLD and
REQUEST
RESET and
ONCE and
RESET
WaCNT > 1
READ and Nrad >0 or
WRITE and Nwad >0
!BOFF and READ and Nrad =0 or
!BOFF and WRITE and Nwad =0
!BOFF and READY and !BLAST or
!HOLD and BLAST and REQUEST and NXDA =0
WdCNT > 1
KEY:
!BOFF and
and Nxda=0
HOLD and BLAST
!BOFF and !HOLD and
Nxda =0
BLAST and
and !BLAST or !BOFF and
WRITE and Nwdd = 0 and !BLAST or
Nxda >0
REQUEST= One or more
requests in the bus queue.
READ= The current
access is a read.
WRITE= The current
access is a write.
RESET
BLAST and
BOFF
and !REQUEST
!ONCE
READY!
!BOFF and BTERM and !BLAST or !BOFF and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com