Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FC80960HT60SL2G2 Datasheet(PDF) 50 Page - Intel Corporation

Part # FC80960HT60SL2G2
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FC80960HT60SL2G2 Datasheet(HTML) 50 Page - Intel Corporation

Back Button FC80960HT60SL2G2 Datasheet HTML 46Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 47Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 48Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 49Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 50Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 51Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 52Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 53Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 54Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 102 page
background image
80960HA/HD/HT
44
Advance Information Datasheet
Figure 24. ICC Active (Thermal) vs. Frequency
Figure 25. Output Delay or Hold vs. Load Capacitance
CLKIN Frequency (MHz)
200
1400
1200
1000
800
600
400
10
20
30
40
HA
HT
HD
50
100
150
CL (pF)
nom + 10
nom + 5
nom
5.5 V Input Signals
3.3 V Input Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com