Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FC80960HT60SL2G2 Datasheet(PDF) 15 Page - Intel Corporation

Part # FC80960HT60SL2G2
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FC80960HT60SL2G2 Datasheet(HTML) 15 Page - Intel Corporation

Back Button FC80960HT60SL2G2 Datasheet HTML 11Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 12Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 13Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 14Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 15Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 16Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 17Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 18Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
9
SUP
O
H(Z)
B(Z)
R(1)
SUPERVISOR ACCESS indicates whether the current bus access originates from
a request issued while in supervisor mode or user mode. SUP can beusedby the
memory subsystem to isolate supervisor code and data structures from
non-supervisor access.
0 = Supervisor Mode
1 = User Mode
ADS
O
H(Z)
B(Z)
R(1)
ADDRESS STROBE indicates a valid address and the start of a new bus access.
ADS is asserted for the first clock of a bus access.
READY
I
S(L)
READY, when enabled for a memory region, is asserted by the memory
subsystem to indicate the completion of a data transfer. READY is used to
indicate that read data on the bus is valid, or that a write transfer has completed.
READY works in conjunction with the internal wait state generator to
accommodate various memory speeds. READY is sampled after any programmed
wait states:
During each data cycle of a burst access
During the data cycle of a non-burst access
BTERM
I
S(L)
BURST TERMINATE, when enabled for a memory region, is asserted by the
memory subsystem to terminate a burst access in progress. When BTERM is
asserted, the current burst access is terminated and another address cycle
occurs.
WAIT
O
H(Z)
B(Z)
R(1)
WAIT indicates the status of the internal wait-state generator. WAIT is asserted
when the internal wait state generator generates NWAD,NRAD,NWDD and NRDD
wait states. WAIT canbeusedtoderivea writedatastrobe.
BLAST
O
H(Z)
B(Z)
R(1)
BURST LAST indicates the last transfer in a bus access. BLAST is asserted in the
last data transfer of burst and non-burst accesses after the internal wait-state
generator reaches zero. BLAST remains active as long as wait states are inserted
via the READY pin. BLAST becomes inactive after the final data transfer in a bus
cycle.
DT/R
O
H(Z)
B(Z)
R(0)
DATA TRANSMIT/RECEIVE indicates direction for data transceivers. DT/R is
used with DEN to provide control for data transceivers connected to the data bus.
DT/R is driven low to indicate the processor expects data (a read cycle). DT/R is
driven high when the processor is “transmitting” data (a store cycle). DT/R only
changes state when DEN is high.
0 = Data Receive
1 = Data Transmit
DEN
O
H(Z)
B(Z)
R(1)
DATA ENABLE indicates data transfer cycles during a bus access. DEN is
asserted at the start of the first data cycle in a bus access and de-asserted at the
end of the last data cycle. DEN remains asserted for an entire bus request, even
when that request spans several bus accesses. For example, a ldq instruction
starting at an unaligned quad word boundary is one bus request spanning at least
two bus accesses. DEN remains asserted throughout all the accesses (including
ADS states) and de-asserts when the Iqd instruction request is satisfied. DEN is
used with DT/R to provide control for data transceivers connected to the data bus.
DEN remains asserted for sequential reads from pipelined memory regions.
LOCK
O
H(Z)
B(Z)
R(1)
BUS LOCK indicates that an atomic read-modify-write operation is in progress.
LOCK may be used by the memory subsystem to prevent external agents from
accessing memory that is currently involved in an atomic operation (e.g., a
semaphore). LOCK is asserted in the first clock of an atomic operation and
de-asserted when BLAST is deasserted in the last bus cycle.
Table 7.
80960Hx Processor Family Pin Descriptions (Sheet 2 of 4)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More