Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA749313TR Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA749313TR
Description  3-watt 3-watt dual BTL class-D audio amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA749313TR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA749313TR Datasheet HTML 13Page - STMicroelectronics TDA749313TR Datasheet HTML 14Page - STMicroelectronics TDA749313TR Datasheet HTML 15Page - STMicroelectronics TDA749313TR Datasheet HTML 16Page - STMicroelectronics TDA749313TR Datasheet HTML 17Page - STMicroelectronics TDA749313TR Datasheet HTML 18Page - STMicroelectronics TDA749313TR Datasheet HTML 19Page - STMicroelectronics TDA749313TR Datasheet HTML 20Page - STMicroelectronics TDA749313TR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
TDA7493
Applications information
Doc ID 14570 Rev 6
17/30
5.7
Protection function
The TDA7493 has four types of protection: overvoltage (OV), undervoltage (UV), thermal
(OT) and short circuit (SC):
overvoltage protection (OVP) for the supply VCC > 6 V
undervoltage protection (UVP) for the supply VCC < 3 V
thermal protection (OTP) for the junction temperature Tj > 155 °C
short-circuit protection (SCP) across the load (tested at VCC = 5.0 V).
When any of the above protection becomes active, the output goes to a high-impedance
state. The device remains in this state until the condition is cleared or rectified, when the
circuit restarts again.
5.8
Differential input
The TDA7493 can be used with either differential or single-ended inputs. In either case, the
device must be AC coupled to the audio source.
To use the device with a differential source, connect the positive lead from the audio source
to the INP input and the negative lead to the INN input as shown in Figure 11. The
differential input stage of the amplifier minimizes the common mode noise effectively.
In the differential input application:
input impedance is given by 2 * Rin,
cut-off frequency of the input filter is given by
fc = 1 / (2 *
π * Cin / 2 * 2 * Rin) = 1 / (2 * π * Cin * Rin).
Typically, Rin = 30 k
Ω and Cin > 330 nF to get a cut-off frequency less than 20 Hz.
Figure 11.
Differential input application
Cin
Cin
TDA7493
Input stage
-
+
OUTP
OUTN
INP
INN
Rin
Rin
Rfb
Rfb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com