Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA749313TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA749313TR
Description  3-watt 3-watt dual BTL class-D audio amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA749313TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA749313TR Datasheet HTML 15Page - STMicroelectronics TDA749313TR Datasheet HTML 16Page - STMicroelectronics TDA749313TR Datasheet HTML 17Page - STMicroelectronics TDA749313TR Datasheet HTML 18Page - STMicroelectronics TDA749313TR Datasheet HTML 19Page - STMicroelectronics TDA749313TR Datasheet HTML 20Page - STMicroelectronics TDA749313TR Datasheet HTML 21Page - STMicroelectronics TDA749313TR Datasheet HTML 22Page - STMicroelectronics TDA749313TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
TDA7493
Applications information
Doc ID 14570 Rev 6
19/30
The disadvantages of the anti-pop configuration are given below:
The input impedance or the load of audio source is no longer 2 * Rin as in the case of
differential input configuration but R0. It means the load effect should be considered
during the application design. At this point, bigger R0 is better because of the lower
load effect.
The input signal is also equivalent to
Vin_actual = Vin * 2 * Rin * (Rin + Rfb + R0) / (2 * Rin * (Rin + Rfb + R0) + Rfb * R0), not
the original Vin which means the actual gain is reduced.
When Rin = 30 k
Ω, Rfb = 30 kΩ and R0 = 20 kΩ, the gain is reduced by 1 dB.
When Rin = 30 k
Ω, Rfb = 120 kΩ and R0 = 20 kΩ, the gain is reduced by 1.84 dB. In
this case, smaller R0 is better.
If the pop noise is not critical, the anti-pop configuration can be simplified as shown in
Figure 14. The suggested value of the resistor R0 is 20 k
Ω.
Figure 14.
Simple anti-pop configuration for single-ended input application
GND
Cin
Cin
TDA7493
Input stage
-
+
OUTP
INP
INN
Rin
Rin
Rfb
Rfb
R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com