Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA749313TR Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA749313TR
Description  3-watt 3-watt dual BTL class-D audio amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA749313TR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA749313TR Datasheet HTML 20Page - STMicroelectronics TDA749313TR Datasheet HTML 21Page - STMicroelectronics TDA749313TR Datasheet HTML 22Page - STMicroelectronics TDA749313TR Datasheet HTML 23Page - STMicroelectronics TDA749313TR Datasheet HTML 24Page - STMicroelectronics TDA749313TR Datasheet HTML 25Page - STMicroelectronics TDA749313TR Datasheet HTML 26Page - STMicroelectronics TDA749313TR Datasheet HTML 27Page - STMicroelectronics TDA749313TR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Electrical characterization curves
TDA7493
24/30
Doc ID 14570 Rev 6
Figure 26.
THD vs frequency at 1 W
Figure 27.
Frequency response at 1 W
Figure 28.
Crosstalk vs frequency at 1 W
20
20k
50
100
200
500
1k
2k
5k
10k
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
frequency (Hz)
THD
(%)
20
50k
50
100
200
500
1k
2k
5k
10k
20k
-5
+2
-4
-3
-2
-1
-0
+1
Ampl
(dB)
frequency (Hz)
20
20k
50
100
200
500
1k
2k
5k
10k
-140
+40
-120
-100
-80
-60
-40
-20
+0
+20
T
TT
T
T
T
T
Crosstalk
(dB)
frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com