Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD7414/15EBZ Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-AD7414/15EBZ
Description  0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7414/15EBZ Datasheet(HTML) 4 Page - Analog Devices

  EVAL-AD7414/15EBZ Datasheet HTML 1Page - Analog Devices EVAL-AD7414/15EBZ Datasheet HTML 2Page - Analog Devices EVAL-AD7414/15EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD7414/15EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD7414/15EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD7414/15EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD7414/15EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD7414/15EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD7414/15EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD7414/AD7415
Rev. F | Page 4 of 20
Parameter
A Version
Unit
Test Conditions/Comments
AC ELECTRICAL CHARACTERISTICS8, 9
Serial Clock Period, t1
2.5
μs min
See Figure 2
Data In Setup Time to SCL High, t2
50
ns min
See Figure 2
Data Out Stable after SCL Low, t3
0
ns min
See Figure 2
SDA Low Setup Time to SCL Low
(Start Condition), t4
50
ns min
See Figure 2
SDA High Hold Time after SCL High
(Stop Condition), t5
50
ns min
See Figure 2
SDA and SCL Fall Time, t6
90
ns max
See Figure 2
Data Hold Time, t7
35
ns min
See Figure 2
Power-Up Time
4
μs typ
1 Accuracy specifications apply only to voltages listed under Test Conditions. See Temperature Accuracy vs. Supply section for typical accuracy performance over the
full VDD supply range.
2 100% production tested at 40°C to these limits.
3 These current values can be used to determine average power consumption at different one-shot conversion rates. Average power consumption at the automatic
conversion rate of 1.25 kHz is 940 μW.
4 This peak supply current is required for 29 μs (the conversion time plus power-up time) out of every 800 μs (the conversion rate).
5 These current values are derived by not issuing a stop condition at the end of a write or read, thus preventing the part from going into a conversion.
6 The current is derived assuming a 400 kHz serial clock being active continuously.
7 On power-up, the initial input current, IIN, on the AS pin is typically 50 μA.
8 The SDA and SCL timing is measured with the input filters turned on so as to meet the fast mode I2C specification. Switching off the input filters improves the transfer
rate but has a negative effect on the EMC behavior of the part.
9 Guaranteed by design. Not tested in production.
SCL
SDA
DATA IN
SDA
DATA OUT
t1
t2
t7
t3
t4
t5
t6
Figure 2. Diagram for Serial Bus Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com