Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD7414/15EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # EVAL-AD7414/15EBZ
Description  0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7414/15EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button EVAL-AD7414/15EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD7414/15EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD7414/15EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD7414/15EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD7414/15EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD7414/15EBZ Datasheet HTML 9Page - Analog Devices EVAL-AD7414/15EBZ Datasheet HTML 10Page - Analog Devices EVAL-AD7414/15EBZ Datasheet HTML 11Page - Analog Devices EVAL-AD7414/15EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD7414/AD7415
Rev. F | Page 8 of 20
VDD
VOUT+
VOUT–
TO ADC
SENSING
TRANSISTOR
SENSING
TRANSISTOR
II
× N
Figure 7. Temperature Measurement Technique
Figure 7 shows the method the AD7414/AD7415 use to
measure the ambient device temperature. To measure ΔVBE,
the sensor (substrate transistor) is switched between operating
currents of I and N × I. The resulting waveform is passed
through a chopper stabilized amplifier that performs the
functions of amplification and rectification of the waveform to
produce a dc voltage proportional to ΔVBE. This voltage is
measured by the ADC to give a temperature output in 10-bit,
twos complement format.
TEMPERATURE DATA FORMAT
The temperature resolution of the ADC is 0.25°C, which
corresponds to 1 LSB of the ADC. The ADC can theoretically
measure a temperature span of 255°C; the lowest practical value
is limited to −40°C due to the device maximum ratings. The
A grade can measure a temperature range of −40°C to +125°C.
(Temperature data format is shown in Table 5.)
Table 5. A Grade Temperature Data Format
Temperature
Digital Output DB9…DB0
−55°C
11 0010 0100
−50°C
11 0011 1000
−25°C
11 1001 1100
−0.25°C
11 1111 1111
0°C
00 0000 0000
+0.25°C
00 0000 0001
+10°C
00 0010 1000
+25°C
00 0110 0100
+50°C
00 1100 1000
+75°C
01 0010 1100
+100°C
01 1001 0000
+125°C
01 1111 0100
The grade temperature conversion formula follows:
4
)
(d
Code
ADC
e
Temperatur
Positive
=
4
512
)
(
−
=
d
Code
ADC
e
Temperatur
Negative
Note that DB9 is removed from the ADC code in the negative
temperature formula.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com