Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD7414/15EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-AD7414/15EBZ
Description  0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7414/15EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-AD7414/15EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD7414/15EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD7414/15EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD7414/15EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD7414/15EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD7414/15EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD7414/15EBZ Datasheet HTML 9Page - Analog Devices EVAL-AD7414/15EBZ Datasheet HTML 10Page - Analog Devices EVAL-AD7414/15EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD7414/AD7415
Rev. F | Page 7 of 20
THEORY OF OPERATION
CIRCUIT INFORMATION
The AD7414/AD7415 are standalone digital temperature
sensors. The on-chip temperature sensor allows an accurate
measurement of the ambient device temperature to be made.
The 10-bit analog-to-digital converter converts the temperature
measured into a twos complement format for storage in the
temperature register. The ADC is made up of a conventional
successive-approximation converter based around a capacitor
digital-to-analog (DAC). The serial interface is I2C-and SMBus-
compatible. The AD7414/AD7415 require a 2.7 V to 5.5 V
power supply. The temperature sensor has a working
measurement range of −40°C to +125°C.
FUNCTIONAL DESCRIPTION
Temperature measurement is initiated by two methods. The
first uses an internal clock countdown of 800 ms, and a
conversion is performed. The internal oscillator is the only
circuit that is powered up between conversions, and once it
times out, every 800 ms, a wake-up signal is sent to power up
the rest of the circuitry. A monostable is activated at the
beginning of the wake-up signal to ensure that sufficient time is
given to the power-up process. The monostable typically takes
4 μs to time out. It then takes typically 25 μs for each conversion
to be completed. The new temperature value is loaded into the
temperature value register and ready for reading by the I2C
interface.
A temperature measurement is also initiated every time the
one-shot method is used. This method requires the user to
write to the one-shot bit in the configuration register when a
temperature measurement is needed. Setting the one-shot bit to
1 starts a temperature conversion directly after the write
operation. The track-and-hold goes into hold approximately
4 μs (monostable time out) after the STOP condition, and a
conversion is then initiated. Typically 25 μs later, the conversion
is complete and the temperature value register is loaded with a
new temperature value.
The measurement modes are compared with a high tempera-
ture limit, stored in an 8-bit read/write register. This is applica-
ble only to the AD7414, because the AD7415 does not have an
ALERT pin and subsequently does not have an overtemperature
monitoring function. If the measurement is greater than the
high limit, the ALERT pin is activated (if it has already been
enabled in the configuration register). There are two ways to
deactivate the ALERT pin again: when the alert reset bit in the
configuration register is set to 1 by a write operation, and when
the temperature measured is less than the value in the TLOW
register. This ALERT pin is compatible with the SMBus
SMBALERT option.
Configuration functions consist of
• Switching between normal operation and full power-
down
• Enabling or disabling the SCL and SDA filters
• Enabling or disabling the ALERT function
• Setting the ALERT pin polarity
SUPPLY
2.7V TO
5.5V 10μF
1k
Ω
0.1
μF
SDA
SCL
ALERT
AS
GND
AD7414
VDD
10k
Ω 10kΩ 10kΩ
VDD
VDD
VDD
μC/μP
Figure 6. Typical Connection Diagram
MEASUREMENT TECHNIQUE
A common method of measuring temperature is to exploit the
negative temperature coefficient of a diode, or the base-emitter
voltage of a transistor, operated at constant current.
Unfortunately, this technique requires calibration to null the
effect of the absolute value of VBE, which varies from device to
device. The technique used in the AD7414/AD7415 is to
measure the change in VBE when the device is operated at two
different currents. This is given by
( )
N
ln
q
KT
V
BE
×
=
Δ
where:
K is Boltzmann’s constant.
q is the charge on the electron (1.6 × 10–19 Coulombs).
T is the absolute temperature in Kelvins.
N is the ratio of the two currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com