Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDP1878CD Datasheet(PDF) 5 Page - Intersil Corporation

Part # CDP1878CD
Description  CMOS Dual Counter-Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1878CD Datasheet(HTML) 5 Page - Intersil Corporation

  CDP1878CD Datasheet HTML 1Page - Intersil Corporation CDP1878CD Datasheet HTML 2Page - Intersil Corporation CDP1878CD Datasheet HTML 3Page - Intersil Corporation CDP1878CD Datasheet HTML 4Page - Intersil Corporation CDP1878CD Datasheet HTML 5Page - Intersil Corporation CDP1878CD Datasheet HTML 6Page - Intersil Corporation CDP1878CD Datasheet HTML 7Page - Intersil Corporation CDP1878CD Datasheet HTML 8Page - Intersil Corporation CDP1878CD Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
4-95
Functional DescriptIon
The dual counter-timer consists of two programmable 16-bit
down counters, separately addressable and controlled by
two independent 8-bit control registers. The word in the con-
trol register determines the mode and type of operation that
the counter-timer performs. Writing to or reading from a
counter or register is enabled by selective addressing during
a write or read cycle. The data is placed on the data bus by
the microprocessor during the write cycle or read from the
counter during the read cycle. Data to and from the counters
and to the control registers is in binary format.
Each counter-timer consists of three parts. The first is the
counter itself, a 16-bit down counter that is decremented on
the trailing edge of the clock input. The second is the jam
register that receives the data when the counter is written to.
The word in the control register determines when the jam
register value is placed into the counter. The third part is the
holding register that places the counter value on the data
bus when the counter is read.
When the counter has decremented to zero, three events
occur. The first involves the common interrupt output pin that,
if enabled, becomes active low. The second is the setting of a
bit in the interrupt status register. This register can be read to
determine which counter-timer has timed out. The third event
is the logic change of the complemented output pins.
In addition to the clock input used to decrement the counter, a
gate input is available to enable or initiate operation. The
counter-timers are independent and can have different mode
operations.
Write Operation
The counters and registers are separately addressable and
are programmed via the data bus when the chip is selected
with the TPB/WR pin active. Normal sequencing requires that
the counter jam register be loaded first with the required value
(most significant and least significant byte in any order), and
then the control register be accessed and loaded with the
control word. The trailing edge of the TPB/WR pulse will latch
the control word into the control register. The trailing edge of
the first clock to occur with gate valid will cause the counter to
be jammed with its initial value. The counter will decrement on
the trailing edge of succeeding clocks as long as the gate is
valid, until it reaches zero. The output levels will then change,
and if enabled, the interrupt output will become active and the
appropriate timer bit will be set in the interrupt status register.
The interrupt output and the interrupt status register can be
cleared (to their inactive state) by addressing the control reg-
ister with the TPB/WR line active For example, if counter A
times out, control register A must be accessed to reset the
interrupt output high and reset the timer A bit in the status reg-
ister low. Timer B bit in the status register will be unaffected.
Read Operation
Each counter has a holding register that is continuously
being updated by the counter and is accessed when the
counter is addressed during read cycles. Counter reads are
accomplished by halting the holding register and then read-
ing it, or by reading the holding register directly. If the holding
register is read directly, data will appear on the bus if the
counters are addressed with the RD line active. However, if
the clock decrements the counter between the two read
operations (most and least significant byte), an inaccurate
value will be read. To preclude this from happening, writing a
“1” into bit 6 of the control register and then addressing and
reading the counter will result in a stable reading. This oper-
ation prevents the holding register from being updated by the
counter and does not affect the counter’s operation.
The interrupt status register is read by addressing either
control register with the RD line active. A “1” in bit 7 indicates
Timer A has timed out and a “1” in bit 6 indicates Timer B
has timed out. Bits 0-5 are zeros.
Control Register
Bits 0, 1 and 2
Mode Selects - See Mode Timing Diagrams (Figures 1, 2, 3,
4, and 5).
Note: When selecting a mode, the timer outputs TAO and TBO
are set low, and TAO and TBO are set high. If bits 0, 1 and 2
are all zero’s when the control register is loaded, no mode is
selected, and the counter-timer outputs are unaffected. Issuing
mode 6 will cause an indeterminate condition of the counter,
issuing mode 7 is equivalent to issuing mode 5.
7
6543210
JAM ENABLE
1 = ENABLE
0 = DISABLE
HOLDING REGISTER CONTROL
1 = FREEZE HOLDING REGISTER
0 = UPDATE CONTINUOUSLY
START/STOP CONTROL
1 = START COUNTER
0 = STOP COUNTER
INTERRUPT ENABLE
1 = ENABLE
0 = DISABLE
GATE LEVEL SELECT
1 = POSITIVE (HIGH)
0 = NEGATIVE (LOW)
MODE SELECT
001 = MODE 1
010 = MODE 2
†011 = MODE 3
100 = MODE 4
101 = MODE 5
†PLUS BIT 7 = 0
BIT 7
BIT 2
BIT 1
BIT 0
Mode 1 - Timeout
-
0
0
1
Mode 2 - Timeout Strobe
-
0
1
0
Mode 3 - Gate Controlled One Shot
0011
Mode 4 - Rate Generator
-
1
0
0
Mode 5 - Variable-Duty Cycle
-
1
0
1
No Mode selected. Counter outputs
unaffected
-
000
CDP1878C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com