Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDP1878CD Datasheet(PDF) 9 Page - Intersil Corporation

Part # CDP1878CD
Description  CMOS Dual Counter-Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1878CD Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CDP1878CD Datasheet HTML 5Page - Intersil Corporation CDP1878CD Datasheet HTML 6Page - Intersil Corporation CDP1878CD Datasheet HTML 7Page - Intersil Corporation CDP1878CD Datasheet HTML 8Page - Intersil Corporation CDP1878CD Datasheet HTML 9Page - Intersil Corporation CDP1878CD Datasheet HTML 10Page - Intersil Corporation CDP1878CD Datasheet HTML 11Page - Intersil Corporation CDP1878CD Datasheet HTML 12Page - Intersil Corporation CDP1878CD Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
4-99
Setting the Control Register
The following will illustrate a counter write and subsequent
reads that places stable, accurate values on the data bus
from the counter-timer.
The counter is addressed and the required values are
loaded with a write operation. The control register is
addressed next and loaded with B9H.
The counter will now decrement with each input clock pulse
while the gate is valid. Assuming the counter has not decre-
mented to zero and its value is to be read without affecting
the counter’s operation, a write to the control register is per-
formed. 78H is loaded into the control register.
The counter is addressed and read operations are per-
formed.
Function Pin Description
DB7 - DB0 - 8-bit bidirectional bus used to transfer binary
information between the microprocessor and the dual
counter-timer.
VDD, VSS - Power and ground for device.
A0, A1, and A2 - Addresses used to select counters or reg-
isters.
TPB/WR, RD - Directional signals that determine whether
data will be placed on the bus from a counter or the interrupt
status register (RD active) (memory mapped), or data on the
bus will be placed into a counter or control register (TPB/WR
active). The following connections are required between the
microprocessor and the counter-timer in the CDP1800-
series input/output mapping mode.
During an output instruction, data from the memory is
strobed into the counter-timer during TPB when RD is active,
and latched on TPB’s trailing edge. Data is read from the
counter-timer when RD is not active between the trailing
edges of TPA and TPB. See Figures 11, 12, and 13.
TACL, TBCL - Clocks used to decrement the counter.
TAG, TBG - Gate inputs used to control counter.
TAO, TAO - Complemented outputs of Timer A.
TBO, TBO - Complemented outputs of Timer B.
INT - Common interrupt output. Active when counter decre-
ments to zero.
RESET - Active low signal that resets counter outputs (TAO,
TBO low, TAO, TBO high). The interrupt output is set high
and the status register is cleared.
IO/MEM - Tied high in CDP1800-series input/output mode,
otherwise tied low.
TPA - Tied to TPA of the CDP1800-series microprocessors.
During memory mapping, it is used to latch the high order
address bit for the chip select. In the CDP1800 input/output
mode, it is used to gate the N lines. When the counter-timer
is used with other microprocessors, or when the high order
address of the CDP1800-series microprocessors is exter-
nally latched, it is connected to VDD.
CS - An active high signal that enables the device.
1
0111001
POSITIVE GATE ENABLING
REQUIRED
MODE 1 SELECTED
LOAD COUNTER
HOLDING REGISTER
UPDATED BY COUNTER
COUNTER START
INTERRUPT OUTPUT
ENABLED
CONTROL
REGISTER = B9H
WITH JAM REGISTER
CONTINUOUSLY
BUS 7
BUS 0
FIGURE 6.
0
1111000
COUNTER OUTPUTS
COUNTER VALUE
FREEZE HOLDING
UNCHANGED
CONTROL
REGISTER = 78H
UNAFFECTED
UNAFFECTED
REGISTER
BUS 7
BUS 0
FIGURE 7.
MICROPROCESSOR
COUNTER-TIMER
MRD
RD
TPB
TPB/WR
TPA
TPA
N Lines
Address Lines
and IO/MEM to VDD
CDP1878C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com