Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDP1878CD Datasheet(PDF) 1 Page - Intersil Corporation

Part # CDP1878CD
Description  CMOS Dual Counter-Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1878CD Datasheet(HTML) 1 Page - Intersil Corporation

  CDP1878CD Datasheet HTML 1Page - Intersil Corporation CDP1878CD Datasheet HTML 2Page - Intersil Corporation CDP1878CD Datasheet HTML 3Page - Intersil Corporation CDP1878CD Datasheet HTML 4Page - Intersil Corporation CDP1878CD Datasheet HTML 5Page - Intersil Corporation CDP1878CD Datasheet HTML 6Page - Intersil Corporation CDP1878CD Datasheet HTML 7Page - Intersil Corporation CDP1878CD Datasheet HTML 8Page - Intersil Corporation CDP1878CD Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
4-91
March 1997
Features
• Compatible with General Purpose and CDP1800
Series Microprocessor Systems
• Two 16-Bit Down Counters and Two 8-Bit Control
Registers
• 5 Modes Including a Versatile Variable-Duty Cycle
Mode
• Programmable Gate-Level Select
• Two-Complemented Output Pins for Each Counter-
Timer
• Software-Controlled Interrupt Output
• Addressable in Memory Space or CDP1800-Series I/O
Space
Description
The CDP1878C is a dual counter-timer consisting of two 16-
bit programmable down counters that are independently
controlled by separate control registers. The value in the reg-
isters determine the mode of operation and control func-
tions. Counters and registers are directly addressable in
memory space by any general industry type microproces-
sors, in addition to input/output mapping with the CDP1800
series microprocessors.
Each counter-timer can be configured in five modes with the
additional flexibility of gate-level control. The control regis-
ters in addition to mode formatting, allow software start and
stop, interrupt enable, and an optional read control that
allows a stable readout from the counters. Each counter-
timer has software control of a common interrupt output with
an interrupt status register indicating which counter-timer
has timed out.
In addition to the interrupt output, true and complemented
outputs are provided for each counter-timer for control of
peripheral devices.
This type is supplied in 28-lead dual-in-line ceramic pack-
ages (D suffix), and 28-lead dual-in-line plastic packages (E
suffix).
Pinout
CDP1878C
(DIP)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP. RANGE
PACKAGE
PKG. NO.
CDP1878CE
-40oC to +85oC PDIP
E28.6
CDP1878CD
-40oC to +85oC SBDIP
N28.6
INT
TAO
TAO
TAG
TACL
RD
IO/MEM
TPB/WR
TPA
CS
A0
A1
A2
VSS
VDD
DB6
DB5
DB4
DB3
DB1
TBO
TBO
TBG
TBCL
RESET
DB7
DB2
DB0
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TABLE 1. MODE DESCRIPTION
MODE
FUNCTION
APPLICATION
1 Timeout
Outputs change when clock
decrements counter to “0”
Event counter
2 Timeout
Strobe
One clockwide output pulse
when clock decrements
counter to “0”
Trigger pulse
3 Gate-Con-
trolled One
Shot
Outputs change when clock
decrements counter to “0”.
Retriggerable
Time-delay
generation
4 Rate Generator Repetitive clockwide output
pulse
Time-base
generator
5 Variable-Duty
Cycle
Repetitive output with
programmed duty cycle
Motor control
File Number
1341.2
CDP1878C
CMOS Dual Counter-Timer
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - CDP1878CD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1871 INTERSIL-CDP1871 Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
CDP1871A INTERSIL-CDP1871A Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
CDP1871AC INTERSIL-CDP1871AC Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
CDP1871ACD INTERSIL-CDP1871ACD Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
CDP1871ACDX INTERSIL-CDP1871ACDX Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
More results

Similar Description - CDP1878CD

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51849L MITSUBISHI-M51849L Datasheet
114Kb / 4P
COUNTER TIMER
logo
Zilog, Inc.
Z8430 ZILOG-Z8430 Datasheet
641Kb / 16P
NMOS/CMOS Z80 CTC COUNTER/TIMER CIRCUIT
logo
Panasonic Semiconductor
MN101C38A PANASONIC-MN101C38A Datasheet
359Kb / 3P
Timer Counter
logo
Exar Corporation
XR-2240 EXAR-XR-2240 Datasheet
215Kb / 3P
PROGRAMMABLE TIMER / COUNTER
logo
National Semiconductor ...
LM2240 NSC-LM2240 Datasheet
190Kb / 10P
Programmable Timer/Counter
logo
Pepperl+Fuchs Inc.
KC-LCD-48-1R-230VAC PF-KC-LCD-48-1R-230VAC Datasheet
1Mb / 3P
Timer, Counter
KC-LCDC-48-2T-230VAC PF-KC-LCDC-48-2T-230VAC Datasheet
1Mb / 3P
Timer, Counter, Tachometer
KC-LCDC-48-6T-230VAC PF-KC-LCDC-48-6T-230VAC Datasheet
1Mb / 3P
Timer, Counter, Tachometer
KCT-6ST-C PF-KCT-6ST-C Datasheet
1Mb / 3P
Timer, Counter, Tachometer
TC-LCDC-8A-24VDC PF-TC-LCDC-8A-24VDC Datasheet
705Kb / 3P
Counter/Timer/Tachometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com