Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE7758 Datasheet(PDF) 34 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADE7758_15 Datasheet HTML 30Page - Analog Devices ADE7758_15 Datasheet HTML 31Page - Analog Devices ADE7758_15 Datasheet HTML 32Page - Analog Devices ADE7758_15 Datasheet HTML 33Page - Analog Devices ADE7758_15 Datasheet HTML 34Page - Analog Devices ADE7758_15 Datasheet HTML 35Page - Analog Devices ADE7758_15 Datasheet HTML 36Page - Analog Devices ADE7758_15 Datasheet HTML 37Page - Analog Devices ADE7758_15 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
ADE7758
Data Sheet
Rev. E | Page 34 of 72
(see the Active Power Calculation section). Equation 14 gives an
expression for the instantaneous power signal. This is filtered by
LPF2, which has a magnitude response given by Equation 23.
()
2
2
8
1
1
H
f
f
+
=
(23)
–
E(t)
t
Vlt
VI
×cos(4π ×f1 ×t)
4π ×f1 1 +
2
2f1
8
The active power signal (output of the LPF2) can be rewritten as
()
()
( t
f
f
IRMS
VRMS
IRMS
VRMS
t
p
1
2
2
1
4
cos
8
2
1
π
×
⎥
⎥
⎥
⎥
⎦
⎤
⎢
⎢
⎢
⎢
⎣
⎡
+
×
−
×
=
) (24)
Figure 70. Output Frequency Ripple
where f1 is the line frequency, for example, 60 Hz.
Line Cycle Active Energy Accumulation Mode
From Equation 24, E(t) equals
The ADE7758 is designed with a special energy accumulation
mode that simplifies the calibration process. By using the on-
chip, zero-crossing detection, the ADE7758 updates the watt-hr
accumulation registers after an integer number of zero crossings
(see Figure 71). The line-active energy accumulation mode for
watt-hr accumulation is activated by setting the LWATT bit
(Bit 0) of the LCYCMODE register. The total energy accumu-
lated over an integer number of half-line cycles is written to the
watt-hr accumulation registers after the LINECYC number of zero
crossings is detected. When using the line cycle accumulation
mode, the RSTREAD bit (Bit 6) of the LCYCMODE register
should be set to Logic 0.
()
)
4
cos(
8
2
1
4
–
1
2
2
1
1
t
f
f
f
IRMS
VRMS
t
IRMS
VRMS
π
π
×
⎥
⎥
⎥
⎥
⎥
⎦
⎤
⎢
⎢
⎢
⎢
⎢
⎣
⎡
+
×
×
×
(25)
From Equation 25, it can be seen that there is a small ripple in
the energy calculation due to the sin(2ωt) component (see
Figure 70). The ripple gets larger with larger loads. Choosing a
lower output frequency for APCF during calibration by using a
large APCFDEN value and keeping APCFNUM relatively small
can significantly reduce the ripple. Averaging the output
frequency over a longer period achieves the same results.
ZXSEL01
ZERO-CROSSING
DETECTION
(PHASE A)
ZXSEL11
ZERO-CROSSING
DETECTION
(PHASE B)
ZXSEL21
ZERO-CROSSING
DETECTION
(PHASE C)
1ZXSEL[0:2] AREBITS3 TO 5 IN THELCYCMODEREGISTER
CALIBRATION
CONTROL
LINECYC[15:0]
WATTOS[11:0]
WG[11:0]
WDIV[7:0]
+
+
%
+
+
WATTHR[15:0]
ACCUMULATE ACTIVE POWER FOR
LINECYC NUMBER OF ZERO-CROSSINGS;
WATT-HR ACCUMULATION REGISTERS
ARE UPDATED ONCE EVERY LINECYC
NUMBER OF ZERO-CROSSINGS
ACTIVE POWER
15
0
40
0
Figure 71. ADE7758 Line Cycle Active Energy Accumulation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com