Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMPVIDEVALISA Datasheet(PDF) 35 Page - Intersil Corporation

Part # HMPVIDEVALISA
Description  NTSC/PAL Video Decoder
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMPVIDEVALISA Datasheet(HTML) 35 Page - Intersil Corporation

Back Button HMPVIDEVALISA Datasheet HTML 31Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 32Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 33Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 34Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 35Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 36Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 37Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 38Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 39Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
35
TABLE 52. WSS_CRC_EVEN DATA REGISTER
SUB ADDRESS = 29H
BIT
NO.
FUNCTION
DESCRIPTION
RESET
STATE
7-6
Reserved
00B
5-0
Even Field
WSS CRC Data
If even field WSS is enabled and present during NTSC operation, this register is loaded with the
six bits of CRC information on line 283. It is always a “000000” during PAL operation. Data written
to this register is ignored.
000000B
TABLE 53. START H_BLANK LSB REGISTER
SUB ADDRESS = 30H
BIT
NO.
FUNCTION
DESCRIPTION
RESET
STATE
7-0
Assert BLANK
Output Signal
This 8-bit register is cascaded with Start H_BLANK High Register to form a 10-bit start horizontal
blank REGISTER. It specifies the horizontal count (in 1x clock cycles) at which to assert BLANK
each scan line. Bit 0 is always a “0”, so the start of horizontal blanking may only be done with two
pixel resolution. The leading edge of HSYNC is count 000H.
4AH
TABLE 54. START H_BLANK MSB REGISTER
SUB ADDRESS = 31H
BIT
NO.
FUNCTION
DESCRIPTION
RESET
STATE
15-10
Reserved
000000B
9-8
Assert BLANK
Output Signal
This 2-bit register is cascaded with Start H_BLANK Low Register to form a 10-bit start horizontal
blank register. It specifies the horizontal count (in 1x clock cycles) at which to assert BLANK each
scan line. The leading edge of HSYNC is count 000H.
11B
TABLE 55. END H_BLANK REGISTER
SUB ADDRESS = 32H
BIT
NO.
FUNCTION
DESCRIPTION
RESET
STATE
7-0
Negate BLANK
Output Signal
This 8-bit register specifies the horizontal count (in 1x clock cycles) to negate BLANK each scan
line. For proper operation, bit 0 must always be set to “0”; therefore, the end of horizontal
blanking may only set with two pixel resolution. If bit 0 is set to “1”, the chroma/luma output data
may be swapped. The leading edge of HSYNC is count 000H.
7AH
TABLE 56. START V_BLANK LSB REGISTER
SUB ADDRESS = 33H
BIT
NO.
FUNCTION
DESCRIPTION
RESET
STATE
7-0
Assert BLANK
Output Signal
This 8-bit register is cascaded with Start V_BLANK High Register to form a 9-bit start vertical
blank register. It specifies the line number to assert BLANK each field.
For NTSC operation, it occurs on line (n + 5) on odd fields and line (n + 268) on even fields. For
PAL operation, it occurs on line (n + 5) on odd fields and line (n + 318) on even fields.
02H
TABLE 57. START V_BLANK MSB REGISTER
SUB ADDRESS = 34H
BIT
NO.
FUNCTION
DESCRIPTION
RESET
STATE
15-9
Reserved
0000000B
8
Assert BLANK
Output Signal
This 1-bit register is cascaded with Start V_BLANK Low Register to form a 9-bit start vertical
blank register.
1B
HMP8117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com