Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMPVIDEVALISA Datasheet(PDF) 12 Page - Intersil Corporation

Part # HMPVIDEVALISA
Description  NTSC/PAL Video Decoder
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMPVIDEVALISA Datasheet(HTML) 12 Page - Intersil Corporation

Back Button HMPVIDEVALISA Datasheet HTML 8Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 9Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 10Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 11Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 12Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 13Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 14Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 15Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
12
Pixel Output Port
Pixel data is output via the P0-P15 pins. Refer to Table 4 for
the output pin definition as a function of the output mode.
Refer to the section “CYCLE SLIPPING AND REAL-TIME
PIXEL JITTER” for PLL and interface considerations.
8-Bit YCbCr Output
Each YCbCr data byte is output following each rising edge of
CLK2. The YCbCr data is multiplexed as [Cb Y Cr Y
′ CbYCr
Y
′...], with the first active data each scan line containing Cb
data. The pixel output timing is shown in Figures 8 and 9.
BLANK, HSYNC, VSYNC, DVALID, VBIVALID, and FIELD
are output following the rising edge of CLK2. When BLANK
is asserted and VBIVALID is deasserted, the YCbCr outputs
have a value of 16 for Y and 128 for Cb and Cr. The behavior
of the DVALID output is determined by bit 4 (DVLD_LTC) of
the GENLOCK CONTROL register 04H.
16-Bit YCbCr, 15-Bit RGB, or 16-RGB Output
For 16-bit YCbCr, 15-bit RGB data, or 16-bit RGB output
modes, the data is output following the rising edge of CLK2
with DVALID asserted. Either linear or gamma-corrected
RGB data may be output. The pixel output timing is shown in
Figures 10 to 13.
BLANK, HSYNC, VSYNC, DVALID, VBIVALID, and FIELD
are output following the rising edge of CLK2. When BLANK
is asserted and VBIVALID is deasserted, the YCbCr outputs
have a value of 16 for Y and 128 for Cb and Cr; the RGB
outputs have a value of 0.
The behavior of the DVALID output is determined by bit 4
(DVLD_LTC) and bit 5 (DLVD_DCYC) of the GENLOCK
CONTROL register 04H.
NOTE:
5. Y0 is the first active luminance pixel data of a line. Cb0 and Cr0 are first active chrominance pixel data in a line. Cb and Cr will alternate every
cycle due to the 4:2:2 subsampling. Pixel data is not output during the blanking period, but the values are forced to blanking levels.
FIGURE 8. OUTPUT TIMING FOR 8-BIT YCbCr MODE (DVLD_LTC = 0)
CLK
DVALID
P[15-8]
tDVLD
Cb0
Y0
Cr0
Cb2
Y2
Cr2
Y1
Y3
Cb4
Y4
BLANK
CLK
DVALID
P[15-8]
tDVLD
Cb0
Y0
Cr0
Cb2
Y2
Cr2
Y1
Y3
Cb4
NOTES:
6. Y0 is the first active luminance pixel data of a line. Cb0 and Cr0 are first active chrominance pixel data in a line. Cb and Cr will alternate every
cycle due to the 4:2:2 subsampling. Pixel data is not output during the blanking period, but the values are forced to blanking levels.
7. When DVLD_LTC is set to 1, the polarity of DVALID needs to be set to active low, otherwise DVALID will stay low during active video and be
gated with the clock only during the blanking interval.
FIGURE 9. OUTPUT TIMING FOR 8-BIT YCbCr MODE (DVLD_LTC = 1)
Y4
BLANK
HMP8117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com