Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMPVIDEVALISA Datasheet(PDF) 21 Page - Intersil Corporation

Part # HMPVIDEVALISA
Description  NTSC/PAL Video Decoder
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMPVIDEVALISA Datasheet(HTML) 21 Page - Intersil Corporation

Back Button HMPVIDEVALISA Datasheet HTML 17Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 18Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 19Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 20Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 21Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 22Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 23Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 24Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
21
SDA must be pulled high using external 4k
Ω pull-up
resistors. The SA input pin determines the slave address for
the HMP8117. If the SA pin is pulled low, the address is
1000100xB. If the SA pin is pulled high through a 10kΩ pull-
up resistor, the address is 1000101xB. (This ‘x’ bit in the
address is the I2C read flag.)
Data is placed on the SDA line when the SCL line is low and
held stable when the SCL line is pulled high. Changing the
state of the SDA line while SCL is high will be interpreted as
either an I2C bus START or STOP condition as indicated by
Figure 18.
During I2C write cycles, the first data byte after the slave
address is treated as the control register sub address and is
written into the internal address register. Any remaining data
bytes sent during an I2C write cycle are written to the control
registers, beginning with the register specified by the
address register as given in the first byte. The address
register is then auto-incremented after each additional data
byte sent on the I2C bus during a write cycle. Writes to
reserved bits within registers or reserved registers are
ignored.
In order to perform a read from a specific control register
within the HMP8117, an I2C bus write must first be
performed to properly setup the address register. Then an
I2C bus read can be performed to read from the desired
control register(s). As a result of needing the write cycle for a
read cycle there are actually two START conditions as
shown in Figure 19. The address register is then auto-
incremented after each byte read during the I2C read cycle.
Reserved registers return a value of 00H.
FIGURE 17. I2C TIMING DIAGRAM
SDA
SCL
tBUF
tLOW
tHIGH
tR
tF
tSU:DATA
tHD:DATA
tSU:STOP
SDA
SCL
START
CONDITION
S
1-7
ADDRESS
8
R/W
9
ACK
1-7
DATA
89
ACK
STOP
CONDITION
P
FIGURE 18. I2C SERIAL DATA FLOW
HMP8117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com