Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFD16N03LSM Datasheet(PDF) 4 Page - Intersil Corporation

Part # RFD16N03LSM
Description  16A, 30V, 0.025 Ohm, Logic Level, N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD16N03LSM Datasheet(HTML) 4 Page - Intersil Corporation

  RFD16N03LSM Datasheet HTML 1Page - Intersil Corporation RFD16N03LSM Datasheet HTML 2Page - Intersil Corporation RFD16N03LSM Datasheet HTML 3Page - Intersil Corporation RFD16N03LSM Datasheet HTML 4Page - Intersil Corporation RFD16N03LSM Datasheet HTML 5Page - Intersil Corporation RFD16N03LSM Datasheet HTML 6Page - Intersil Corporation RFD16N03LSM Datasheet HTML 7Page - Intersil Corporation RFD16N03LSM Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
6-159
NOTE: Refer to Intersil Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING
FIGURE 7. SATURATION CHARACTERISTICS
FIGURE 8. TRANSFER CHARACTERISTICS
FIGURE 9. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 10. SWITCHING TIME vs GATE RESISTANCE
FIGURE 11. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
0.01
0.1
10
10
0.001
200
1
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV=(L/R)ln[(IAS*R)/(1.3*RATED BVDSS-VDD) +1]
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
100
1
100
0
25
0
1.0
2.0
3.0
5.0
50
75
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 4V
VGS = 10V
100
4.0
VGS = 5V
VGS = 4.5V
VGS = 3.5V
PULSE DURATION = 250
µs, TC = 25oC
VGS = 3V
0
3.0
4.5
6.0
7.5
1.5
0
25
50
75
175oC
VGS, GATE TO SOURCE VOLTAGE (V)
-55oC
100
25oC
VDD = 15V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0
25
50
75
2.5
3.0
3.5
VGS, GATE TO SOURCE VOLTAGE (V)
4.0
100
ID = 16A
ID = 8A
ID = 32A
ID = 2A
4.5
5.0
TJ = 25
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0
50
100
150
200
010
20
30
40
RGS, GATE TO SOURCE RESISTANCE (Ω)
50
250
tr
tf
td(ON)
td(OFF)
VDD = 15V, IDD = 16A, RL = 0.93Ω
0
0.5
1.0
1.5
2.0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
200
ID = 16A
VGS = 5V,
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX.
RFD16N03L, RFD16N03LSM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com