Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFD16N03LSM Datasheet(PDF) 6 Page - Intersil Corporation

Part # RFD16N03LSM
Description  16A, 30V, 0.025 Ohm, Logic Level, N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD16N03LSM Datasheet(HTML) 6 Page - Intersil Corporation

  RFD16N03LSM Datasheet HTML 1Page - Intersil Corporation RFD16N03LSM Datasheet HTML 2Page - Intersil Corporation RFD16N03LSM Datasheet HTML 3Page - Intersil Corporation RFD16N03LSM Datasheet HTML 4Page - Intersil Corporation RFD16N03LSM Datasheet HTML 5Page - Intersil Corporation RFD16N03LSM Datasheet HTML 6Page - Intersil Corporation RFD16N03LSM Datasheet HTML 7Page - Intersil Corporation RFD16N03LSM Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6-161
FIGURE 18. RESISTIVE SWITCHING TEST CIRCUIT
FIGURE 19. RESISTIVE SWITCHING WAVEFORMS
FIGURE 20. GATE CHARGE TEST CIRCUIT
FIGURE 21. GATE CHARGE WAVEFORMS
Test Circuits and Waveforms (Continued)
VGS
RL
RGS
DUT
+
-
VDD
VDS
VGS
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
RL
VGS
+
-
VDS
VDD
DUT
IG(REF)
VDD
Qg(TH)
VGS = 1V
Qg(5)
VGS = 5V
Qg(TOT)
VGS = 10V
VDS
VGS
IG(REF)
0
0
RFD16N03L, RFD16N03LSM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com