Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFD16N03LSM Datasheet(PDF) 1 Page - Intersil Corporation

Part # RFD16N03LSM
Description  16A, 30V, 0.025 Ohm, Logic Level, N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD16N03LSM Datasheet(HTML) 1 Page - Intersil Corporation

  RFD16N03LSM Datasheet HTML 1Page - Intersil Corporation RFD16N03LSM Datasheet HTML 2Page - Intersil Corporation RFD16N03LSM Datasheet HTML 3Page - Intersil Corporation RFD16N03LSM Datasheet HTML 4Page - Intersil Corporation RFD16N03LSM Datasheet HTML 5Page - Intersil Corporation RFD16N03LSM Datasheet HTML 6Page - Intersil Corporation RFD16N03LSM Datasheet HTML 7Page - Intersil Corporation RFD16N03LSM Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
6-156
File Number
4013.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
PSPICE™ is a trademark of MicroSim Corporation.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
RFD16N03L, RFD16N03LSM
16A, 30V, 0.025 Ohm, Logic Level,
N-Channel Power MOSFETs
These are N-Channel power MOSFETs manufactured using
the MegaFET process. This process, which uses feature
sizes approaching those of LSI circuits, gives optimum
utilization of silicon, resulting in outstanding performance.
They were designed for use in applications such as
switching regulators, switching converters, motor drivers and
relay drivers. This performance is accomplished through a
special gate oxide design which provides full rated
conductance at gate bias in the 3V to 5V range, thereby
facilitating true on-off power control directly from logic level
(5V) integrated circuits.
Formerly developmental type TA49030.
Features
• 16A, 30V
•rDS(ON) = 0.025Ω
• Temperature Compensating PSPICE™ Model
• Can be Driven Directly from CMOS, NMOS,
and TTL Circuits
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• 175oC Operating Temperature
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
Ordering InformationS
PART NUMBER
PACKAGE
BRAND
RFD16N03L
TO-251AA
16N03L
RFD16N03LSM
TO-252AA
16N03L
NOTE: When ordering, use the entire part number. Add the suffix 9A,
to obtain the TO-252AA variant in tape and reel, e.g. RFD16N03LSM9A.
DRAIN
SOURCE
GATE
JEDEC TO-251AA
JEDEC TO-252AA
SOURCE
DRAIN
GATE
DRAIN
(FLANGE)
GATE
SOURCE
DRAIN
(FLANGE)
Data Sheet
April 1999


Similar Part No. - RFD16N03LSM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD16N03LSM FAIRCHILD-RFD16N03LSM Datasheet
130Kb / 7P
16A, 30V, Avalanche Rated N-Channel Logic Level Enhancement-Mode Power MOSFETs
logo
Inchange Semiconductor ...
RFD16N03LSM ISC-RFD16N03LSM Datasheet
299Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - RFD16N03LSM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HPLR3103 FAIRCHILD-HPLR3103 Datasheet
117Kb / 7P
52A, 30V, 0.019 Ohm, N-Channel Logic Level, Power MOSFETs
HUFA76429P3 FAIRCHILD-HUFA76429P3 Datasheet
208Kb / 10P
44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
RFD16N06LESM FAIRCHILD-RFD16N06LESM Datasheet
193Kb / 7P
16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
ITF86110DK8T INTERSIL-ITF86110DK8T Datasheet
200Kb / 13P
7.5A, 30V, 0.025 Ohm, Dual N-Channel, Logic Level, Power MOSFET
January 2000
RFD16N05L INTERSIL-RFD16N05L Datasheet
47Kb / 6P
16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
April 1999
RFD16N06LE INTERSIL-RFD16N06LE Datasheet
342Kb / 7P
16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
October 1999
RFD20N03 INTERSIL-RFD20N03 Datasheet
76Kb / 8P
20A, 30V, 0.025 Ohm, N-Channel Power MOSFETs
July 1999
RFP42N03L INTERSIL-RFP42N03L Datasheet
112Kb / 8P
42A, 30V, 0.025 Ohm, Logic Level, N-Channel Power MOSFET
July 1999
RFP45N03L INTERSIL-RFP45N03L Datasheet
100Kb / 7P
45A, 30V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
September 1998
logo
Fairchild Semiconductor
RFD16N05L FAIRCHILD-RFD16N05L Datasheet
158Kb / 7P
16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com