Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC79M05HF Datasheet(PDF) 3 Page - NEC

Part # UPC79M05HF
Description  THREE TERMINAL NEGATIVE VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC79M05HF Datasheet(HTML) 3 Page - NEC

  UPC79M05HF Datasheet HTML 1Page - NEC UPC79M05HF Datasheet HTML 2Page - NEC UPC79M05HF Datasheet HTML 3Page - NEC UPC79M05HF Datasheet HTML 4Page - NEC UPC79M05HF Datasheet HTML 5Page - NEC UPC79M05HF Datasheet HTML 6Page - NEC UPC79M05HF Datasheet HTML 7Page - NEC UPC79M05HF Datasheet HTML 8Page - NEC UPC79M05HF Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
µPC79M00 Series
3
ELECTRICAL CHARACTERISTICS
µPC79M05
(VIN = –10 V, IO = 350 mA, 0
°C ≤ TJ ≤ +125 °C, CIN = 2.2 µF, COUT = 1 µF, unless otherwise specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Output Voltage
VO
TJ = 25
°C
–4.8
–5.0
–5.2
V
–7 V
≤ VIN ≤ –25 V, 5 mA ≤ IO ≤ 350 mA
–4.75
–5.25
Line Regulation
REGIN
TJ = 25
°C, –7 V ≤ VIN ≤ –25 V
18
50
mV
TJ = 25
°C, –8 V ≤ VIN ≤ –18 V
10
30
Load Regulation
REGL
TJ = 25
°C, 5 mA ≤ IO ≤ 500 mA
15
100
mV
TJ = 25
°C, 5 mA ≤ IO ≤ 350 mA
10
Quiescent Current
IBIAS
TJ = 25
°C
4.3
6.0
mA
Quiescent Current Change
∆IBIAS
–8 V
≤ VIN ≤ –25 V
0.5
mA
5 mA
≤ IO ≤ 350 mA
0.4
Output Noise Voltage
Vn
TJ = 25
°C, 10 Hz ≤ f ≤ 100 kHz
45
200
µVr.m.s.
Ripple Rejection
R • R
TJ = 25
°C, f = 120 Hz, –8 V ≤ VIN ≤ –18 V,
50
72
dB
IO = 100 mA
Dropout Voltage
VDIF
TJ = 25
°C
1.1
V
Short Circuit Current
IOshort
TJ = 25
°C, VIN = –25 V
500
mA
Peak Output Current
IOpeak
TJ = 25
°C
620
880
1 020
mA
Temperature Coefficient
∆VO/∆TIO = 5 mA
0.2
mV/
°C
of Output Voltage
µPC79M08
(VIN = –14 V, IO = 350 mA, 0
°C ≤ TJ ≤ +125 °C, CIN = 2.2 µF, COUT = 1 µF, unless otherwise specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Output Voltage
VO
TJ = 25
°C
–7.7
–8.0
–8.3
V
–10.5 V
≤ VIN ≤ –25 V, 5 mA ≤ IO ≤ 350 mA
–7.6
–8.4
Line Regulation
REGIN
TJ = 25
°C, –10.5 V ≤ VIN ≤ –25 V
20
80
mV
TJ = 25
°C, –11 V ≤ VIN ≤ –21 V
15
50
Load Regulation
REGL
TJ = 25
°C, 5 mA ≤ IO ≤ 500 mA
20
160
mV
TJ = 25
°C, 5 mA ≤ IO ≤ 350 mA
15
Quiescent Current
IBIAS
TJ = 25
°C
4.3
6.0
mA
Quiescent Current Change
∆IBIAS
–10.5 V
≤ VIN ≤ –25 V
0.5
mA
5 mA
≤ IO ≤ 350 mA
0.4
Output Noise Voltage
Vn
TJ = 25
°C, 10 Hz ≤ f ≤ 100 kHz
65
220
µVr.m.s.
Ripple Rejection
R • R
TJ = 25
°C, f = 120 Hz,
50
66
dB
–11.5 V
≤ VIN ≤ –21.5 V, IO = 100 mA
Dropout Voltage
VDIF
TJ = 25
°C
1.1
V
Short Circuit Current
IOshort
TJ = 25
°C, VIN = –25 V
500
mA
Peak Output Current
IOpeak
TJ = 25
°C
620
880
1 020
mA
Temperature Coefficient
∆VO/∆TIO = 5 mA
0.3
mV/
°C
of Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com