Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC79M05HF Datasheet(PDF) 1 Page - NEC

Part # UPC79M05HF
Description  THREE TERMINAL NEGATIVE VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC79M05HF Datasheet(HTML) 1 Page - NEC

  UPC79M05HF Datasheet HTML 1Page - NEC UPC79M05HF Datasheet HTML 2Page - NEC UPC79M05HF Datasheet HTML 3Page - NEC UPC79M05HF Datasheet HTML 4Page - NEC UPC79M05HF Datasheet HTML 5Page - NEC UPC79M05HF Datasheet HTML 6Page - NEC UPC79M05HF Datasheet HTML 7Page - NEC UPC79M05HF Datasheet HTML 8Page - NEC UPC79M05HF Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©
1994
DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC79M00 Series
THREE TERMINAL NEGATIVE VOLTAGE REGULATOR
Document No. G11629EJ6V0DS00 (6th edition)
(Previous No. IC-1904)
Date Published May 1998 N CP(K)
Printed in Japan
The information in this document is subject to change without notice.
The mark
shows major revised points.
µPC79M00 series are monolithic three terminal negative regulators which employ internally current limiting, ther-
mal shut down, output transistor safe operating area protection make them essentially indestructible.
They are intended as fixed voltage regulators in a wide range of application including local on card regulation for
elimination of distribution problems associated wide single point regulation.
FEATURES
•
Output current out of 500 mA.
•
On-chip some protection circuit (over current protection, SOA protection and thermal shut down).
•
Low noise.
ORDERING INFORMATION
Part Number
Package
Output Voltage
µPC79M05HF
3-pin plastic SIP (MP-45G) (isolated TO-220)
–5 V
µPC79M08HF
3-pin plastic SIP (MP-45G) (isolated TO-220)
–8 V
µPC79M12HF
3-pin plastic SIP (MP-45G) (isolated TO-220)
–12 V
µPC79M15HF
3-pin plastic SIP (MP-45G) (isolated TO-220)
–15 V
µPC79M18HF
3-pin plastic SIP (MP-45G) (isolated TO-220)
–18 V
µPC79M24HF
3-pin plastic SIP (MP-45G) (isolated TO-220)
–24 V
EQUIVALENT CIRCUIT
PIN CONFIGURATION (Marking Side)
3-pin plastic SIP (MP-45G)
GND
R21
Q17
Q16
R16
R15
C2
Q10
Q11
Q13
Q12
Q9
Q14
Q15
Q3
C1
R2
R1
R9
R8
R7
R10
R11
R12
D3
D1
D4
D5
R13
Q8
R4
D2
Q4
Q2
Q1
Q5
Q7
D8
Q6
R3
R5
R6
R17
D6
D7
R18
R20
R19
R23
R22
R14
OUTPUT
INPUT
1: GND
2: INPUT
3: OUTPUT
123


Similar Part No. - UPC79M05HF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC79M05HF RENESAS-UPC79M05HF Datasheet
368Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
UPC79M05HF-AZ RENESAS-UPC79M05HF-AZ Datasheet
368Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results

Similar Description - UPC79M05HF

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ79L05-SOT-23-3L JIANGSU-CJ79L05-SOT-23-3L Datasheet
135Kb / 2P
Three-terminal negative voltage regulator
CJ79L09-SOT-23-3L JIANGSU-CJ79L09-SOT-23-3L Datasheet
135Kb / 2P
Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
LM79L15 KEXIN-LM79L15 Datasheet
64Kb / 1P
Three-terminal Negative Voltage Regulator
logo
Shenzhen Jin Yu Semicon...
LM79L12 HTSEMI-LM79L12 Datasheet
988Kb / 2P
Three-terminal negative voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78L08 WINNERJOIN-WEJ78L08_15 Datasheet
143Kb / 1P
Three-terminal negative voltage regulator
WEJ79L09 WINNERJOIN-WEJ79L09 Datasheet
128Kb / 1P
Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
KA090Q05 KEXIN-KA090Q05 Datasheet
175Kb / 1P
Three-Terminal Negative Voltage Regulator
KA190O08 KEXIN-KA190O08 Datasheet
142Kb / 1P
Three-Terminal Negative Voltage Regulator
logo
SHIKUES Electronics
79L05 SKTECHNOLGY-79L05 Datasheet
3Mb / 4P
Three-terminal negative voltage regulator
logo
Shenzhen Luguang Electr...
79L05 LUGUANG-79L05 Datasheet
1Mb / 3P
Three-terminal negative voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com