Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC79M05HF Datasheet(PDF) 8 Page - NEC

Part # UPC79M05HF
Description  THREE TERMINAL NEGATIVE VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC79M05HF Datasheet(HTML) 8 Page - NEC

Back Button UPC79M05HF Datasheet HTML 4Page - NEC UPC79M05HF Datasheet HTML 5Page - NEC UPC79M05HF Datasheet HTML 6Page - NEC UPC79M05HF Datasheet HTML 7Page - NEC UPC79M05HF Datasheet HTML 8Page - NEC UPC79M05HF Datasheet HTML 9Page - NEC UPC79M05HF Datasheet HTML 10Page - NEC UPC79M05HF Datasheet HTML 11Page - NEC UPC79M05HF Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
µPC79M00 Series
8
PACKAGE DRAWINGS
3PIN PLASTIC SIP (MP-45G)
NOTE
Each lead centerline is located within 0.25 mm (0.01 inch) of
its true position (T.P.) at maximum material condition.
ITEM
MILLIMETERS
INCHES
P3HF-254B-3
G
0.25
0.010
H
2.54 (T.P.)
0.100 (T.P.)
A
10.4 MAX.
0.410 MAX.
I
5.0±0.3
0.197±0.012
U
2.4±0.5
0.094+0.021
–0.020
V
Y
8.9±0.7
0.350±0.028
Z
1.0 MIN.
0.039 MIN.
J
K
L
8.5
0.335
B
7.0
0.276
C
1.2 MIN.
0.047 MIN.
D
17.0±0.3
0.669+0.013
–0.012
E
0.130±0.008
F
0.75±0.10
0.030+0.004
–0.005
M
8.5
0.335
N
P
2.8±0.2
0.110+0.009
–0.008
3.3±0.2
φ
2.66 MAX.
4.8 MIN.
0.105 MAX.
0.188 MIN.
4.5±0.2
0.177±0.008
0.65±0.10
0.026
φ
+0.004
–0.005
13
2
M
A
B
E
I
D
L
M
K
Y
J
H
C
FG
Z
N
P
U
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com