Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F213G2CDSP Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # R5F213G2CDSP
Description  RENESAS MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F213G2CDSP Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button R5F213G2CDSP Datasheet HTML 14Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 15Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 16Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 17Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 18Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 19Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 20Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 21Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
R8C/3GC Group
4. Special Function Registers (SFRs)
R01DS0036EJ0100 Rev.1.00
Page 18 of 56
Oct 19, 2010
Table 4.3
SFR Information (3) (1)
X: Undefined
Note:
1.
The blank areas are reserved and cannot be accessed by users.
Address
Register
Symbol
After Reset
0080h
DTC Activation Control Register
DTCTL
00h
0081h
0082h
0083h
0084h
0085h
0086h
0087h
0088h
DTC Activation Enable Register 0
DTCEN0
00h
0089h
DTC Activation Enable Register 1
DTCEN1
00h
008Ah
DTC Activation Enable Register 2
DTCEN2
00h
008Bh
DTC Activation Enable Register 3
DTCEN3
00h
008Ch
008Dh
DTC Activation Enable Register 5
DTCEN5
00h
008Eh
DTC Activation Enable Register 6
DTCEN6
00h
008Fh
0090h
0091h
0092h
0093h
0094h
0095h
0096h
0097h
0098h
0099h
009Ah
009Bh
009Ch
009Dh
009Eh
009Fh
00A0h
UART0 Transmit/Receive Mode Register
U0MR
00h
00A1h
UART0 Bit Rate Register
U0BRG
XXh
00A2h
UART0 Transmit Buffer Register
U0TB
XXh
00A3h
XXh
00A4h
UART0 Transmit/Receive Control Register 0
U0C0
00001000b
00A5h
UART0 Transmit/Receive Control Register 1
U0C1
00000010b
00A6h
UART0 Receive Buffer Register
U0RB
XXh
00A7h
XXh
00A8h
UART2 Transmit/Receive Mode Register
U2MR
00h
00A9h
UART2 Bit Rate Register
U2BRG
XXh
00AAh
UART2 Transmit Buffer Register
U2TB
XXh
00ABh
XXh
00ACh
UART2 Transmit/Receive Control Register 0
U2C0
00001000b
00ADh
UART2 Transmit/Receive Control Register 1
U2C1
00000010b
00AEh
UART2 Receive Buffer Register
U2RB
XXh
00AFh
XXh
00B0h
UART2 Digital Filter Function Select Register
URXDF
00h
00B1h
00B2h
00B3h
00B4h
00B5h
00B6h
00B7h
00B8h
00B9h
00BAh
00BBh
UART2 Special Mode Register 5
U2SMR5
00h
00BCh
UART2 Special Mode Register 4
U2SMR4
00h
00BDh
UART2 Special Mode Register 3
U2SMR3
000X0X0Xb
00BEh
UART2 Special Mode Register 2
U2SMR2
X0000000b
00BFh
UART2 Special Mode Register
U2SMR
X0000000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com