Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F213G2CDSP Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # R5F213G2CDSP
Description  RENESAS MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F213G2CDSP Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R5F213G2CDSP Datasheet HTML 28Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 29Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 30Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 31Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 32Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 33Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 34Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 35Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
R8C/3GC Group
5. Electrical Characteristics
R01DS0036EJ0100 Rev.1.00
Page 32 of 56
Oct 19, 2010
Notes:
1.
VCC/AVCC = Vref = 2.7 to 5.5 V and Topr =
−20 to 85°C (N version) / −40 to 85°C (D version), unless otherwise specified.
2.
This applies when one D/A converter is used and the value of the DAi register (i = 0 or 1) for the unused D/A converter is 00h.
The resistor ladder of the A/D converter is not included.
Notes:
1.
VCC = 2.7 to 5.5 V, Topr =
−20 to 85°C (N version) / −40 to 85°C (D version), unless otherwise specified.
2.
When the digital filter is disabled.
Table 5.4
D/A Converter Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
−
Resolution
−−
8Bit
−
Absolute accuracy
−−
2.5
LSB
tsu
Setup time
−−
3
µs
RO
Output resistor
−
6
−
k
Ω
IVref
Reference power input current
(Note 2)
−−
1.5
mA
Table 5.5
Comparator B Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vref
IVREF1, IVREF3 input reference voltage
0
−
VCC
− 1.4
V
VI
IVCMP1, IVCMP3 input voltage
−0.3
−
VCC
+ 0.3
V
−
Offset
−
5
100
mV
td
Comparator output delay time (2)
VI = Vref ± 100 mV
−
0.1
−µs
ICMP
Comparator operating current
VCC = 5.0 V
−
17.5
−µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com