Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F213G2CDSP Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # R5F213G2CDSP
Description  RENESAS MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F213G2CDSP Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button R5F213G2CDSP Datasheet HTML 24Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 25Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 26Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 27Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 28Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 29Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 30Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 31Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
R8C/3GC Group
5. Electrical Characteristics
R01DS0036EJ0100 Rev.1.00
Page 28 of 56
Oct 19, 2010
5.
Electrical Characteristics
Table 5.1
Absolute Maximum Ratings
Symbol
Parameter
Condition
Rated Value
Unit
VCC/AVCC
Supply voltage
−0.3 to 6.5
V
VI
Input voltage
−0.3 to VCC + 0.3
V
VO
Output voltage
−0.3 to VCC + 0.3
V
Pd
Power dissipation
−40°C ≤ Topr ≤ 85°C
500
mW
Topr
Operating ambient temperature
−20 to 85 (N version) /
−40 to 85 (D version)
°C
Tstg
Storage temperature
−65 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com