Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4451 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4451
Description  Signal conditioning for a UV sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4451 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4451 Datasheet HTML 2Page - STMicroelectronics AN4451 Datasheet HTML 3Page - STMicroelectronics AN4451 Datasheet HTML 4Page - STMicroelectronics AN4451 Datasheet HTML 5Page - STMicroelectronics AN4451 Datasheet HTML 6Page - STMicroelectronics AN4451 Datasheet HTML 7Page - STMicroelectronics AN4451 Datasheet HTML 8Page - STMicroelectronics AN4451 Datasheet HTML 9Page - STMicroelectronics AN4451 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
How does the UV sensor work
AN4451
6/15
DocID025985 Rev 1
1.8
Capacitors Cj, Cin, and Cf
In general, transimpedance amplifiers are prone to oscillate. To understand the stability of
this kind of architecture, it is important to take into consideration all components of the
amplifier, even parasitic components, as shown in Figure 4.
Figure 4: Components that need to be considered in a transimpedance amplifier
The noise gain of the above configuration determines the stability of the circuit. Generally,
Rf is high to provide enough gain to convert the current of the UV sensor into a
measureable voltage. However, Rf combined with Cin and Cj creates a pole which ensures
instability of the circuit. In Figure 5
, we can see that for a high value of Rf (8.2 MΩ) and no
feedback capacitor (Cf), the output of the OA1MPA is unstable.
Figure 5: OA1MPA output response to a small current signal without feedback capacitance,
Rf = 8.2 MΩ
By adding a small capacitor (Cf) across Rf, oscillations or gain peakings are suppressed
and the output is stabilized (see Figure 6).
+
-
Vcc
Rf
Vout
Cf
Rj
Cj
OA1MPA
Rs
Ip
photocurrent
Cin
0
0.5
1
1.5
2
2.5
3
0.E+00
2.E-08
4.E-08
6.E-08
8.E-08
1.E-07
1.E-07
0
0.01
0.02
0.03
0.04
0.05
0.06
Time (s)
Current from the UV sensor
Vout of the OA1MPA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com