Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4451 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4451
Description  Signal conditioning for a UV sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4451 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4451 Datasheet HTML 4Page - STMicroelectronics AN4451 Datasheet HTML 5Page - STMicroelectronics AN4451 Datasheet HTML 6Page - STMicroelectronics AN4451 Datasheet HTML 7Page - STMicroelectronics AN4451 Datasheet HTML 8Page - STMicroelectronics AN4451 Datasheet HTML 9Page - STMicroelectronics AN4451 Datasheet HTML 10Page - STMicroelectronics AN4451 Datasheet HTML 11Page - STMicroelectronics AN4451 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Stability of the UV sensor
AN4451
8/15
DocID025985 Rev 1
2
Stability of the UV sensor
UV sensors are generally very capacitive. For example, the GUVA-C22SD UV sensor has
an internal capacitance of 100 pF and the OA1MPA adds an additional input capacitance of
3 pF. Such capacitance has a direct impact on the stability of the system. This section
describes how to calculate the minimum value of the Cf capacitor (see Figure 7). Cf is a
feedback capacitor which is added in parallel with the transimpedance resistor. Its function
is to stabilize the system. As Cf limits the bandwidth, it therefore minimizes noise. In the
formulas below, Cin and Cj are considered as a unique capacitor, Cg, (see Figure 7). The
ser
ial resistor, Rs, which has a resistance of about 100 Ω is neglected.
Figure 7: Simplified equivalent circuit
The open loop transfer function of the system is given in formula (7).
where:
A is the open loop transfer function of the op-amp.
However, by using formula (7), a pole appears and must be considered, as shown in
formula (8).
GUVA-C22SD
+
-
Vcc
Rf
Vout
Cf
Rg
Cg
103pF
100G
Ω
8.2M
Ω
OA1MPA
∗
∗
1∗



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com