Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4451 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4451
Description  Signal conditioning for a UV sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4451 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4451 Datasheet HTML 6Page - STMicroelectronics AN4451 Datasheet HTML 7Page - STMicroelectronics AN4451 Datasheet HTML 8Page - STMicroelectronics AN4451 Datasheet HTML 9Page - STMicroelectronics AN4451 Datasheet HTML 10Page - STMicroelectronics AN4451 Datasheet HTML 11Page - STMicroelectronics AN4451 Datasheet HTML 12Page - STMicroelectronics AN4451 Datasheet HTML 13Page - STMicroelectronics AN4451 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Stability of the UV sensor
AN4451
10/15
DocID025985 Rev 1
A second order equation can be deduced as shown in formula (12).
So, we can deduce the minimum feedback capacitance of Cf to guaranty stability of the
OA1MPA, is shown in formula (13).
In this application, GBP = 120 kHz, Cg = 103 pF, and Rf = 8.2 MΩ. Using formula (13), we
can calculate that the minimum feedback capacitance of Cf is 4.2 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com