Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2061 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2061
Description  External EEPROMs are often used in automotive applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2061 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2061 Datasheet HTML 6Page - STMicroelectronics AN2061 Datasheet HTML 7Page - STMicroelectronics AN2061 Datasheet HTML 8Page - STMicroelectronics AN2061 Datasheet HTML 9Page - STMicroelectronics AN2061 Datasheet HTML 10Page - STMicroelectronics AN2061 Datasheet HTML 11Page - STMicroelectronics AN2061 Datasheet HTML 12Page - STMicroelectronics AN2061 Datasheet HTML 13Page - STMicroelectronics AN2061 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AN2061
10/15
4.2 Data programing / erasing with ST10F2xx
Flash programing / erasing in the field, requires to be able to deal safely with all the possible
events that may occur in the application.
This analysis is application dependent and has to be carefully conducted by the user. This sec-
tion assumes that users have experience with all the generic aspects of field reprogramming;
this section will focus only on ST10 specific events.
4.2.1 Flash field reprogramming
This paragraph is giving few advises for the field reprogramming of data. Those advice are not
specific to ST10; they are generic to any embedded application that reprograms itself a Data-
set.
The main points to control during Flash programing / erasing are:
– completion of the programing / erasing process itself,
– events that may interrupt the reprogramming process.
4.2.1.1 Completion of the programming process
The programming process is completed when the last word to be programmed has been pro-
grammed correctly (i.e.: status returned by the Flash is OK). Usually, the last word pro-
grammed is an update of the status word (or status bits) of the new Data-set.
If, for any reason, the programming process is interrupted, at the next restart, the value read
may be either erroneous or good but with a limited retention time.
This should influence how users are coding the status bits and how supply failures are detect-
ed (early warning) or prevented (CPU controlled voltage regulator). It is here difficult to be spe-
cific as choices will depend on application requirements and constraints.
4.2.1.2 Completion of the erasing process
As explained in Section 2.3, the completion of the erasing process before programming in a
bank is very important. Single bit information to record successful erase process should be
avoided. Whenever possible:
– the erase (if necessary because one Flash bank is full) should be done just before Flash pro-
gramming
– the Flash programming should start only after the successful completion of the erasing pro-
cess.
As the erase process can take few seconds, this may require to use software controlled volt-
age regulators to allow to erase the Flash after the main system is stopped (ex: ignition key is
removed).
4.2.1.3 Safety aspects
Depending on safety constraints, the usage of a 3rd bank may be considered: instead of using
2 banks alternatively, 3 banks are used alternatively; in the event of a failure (hardware or non-
recoverable software error) inside a bank, there are still 2 banks available. Such a technique
is already used for non-automotive applications for EEPROM emulation using stand-alone
Flash memories.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com