Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD17010GF Datasheet(PDF) 45 Page - NEC

Part # UPD17010GF
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE DEDICATED TO DIGITAL TUNING SYSTEM
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17010GF Datasheet(HTML) 45 Page - NEC

Back Button UPD17010GF Datasheet HTML 41Page - NEC UPD17010GF Datasheet HTML 42Page - NEC UPD17010GF Datasheet HTML 43Page - NEC UPD17010GF Datasheet HTML 44Page - NEC UPD17010GF Datasheet HTML 45Page - NEC UPD17010GF Datasheet HTML 46Page - NEC UPD17010GF Datasheet HTML 47Page - NEC UPD17010GF Datasheet HTML 48Page - NEC UPD17010GF Datasheet HTML 49Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 424 page
background image
45
µPD17010
5.6.2 Function of index register and data memory row address pointer
The index register and data memory row address pointer modify the addresses of the data memory.
The following paragraphs (1) and (2) describe the functions of the index register and data memory row address
pointer.
A dedicated instruction (“INC IX”) that can increment the contents of the index register by one at a time is provided.
For the details of address modification, refer to 7. ALU (ARITHMETIC LOGIC UNIT) BLOCK.
(1) Index register
A data memory address is modified according to the contents of the index register when a data memory
manipulation instruction is executed.
However, this modification is valid only when the IXE flag is set to “1”.
The address is modified by ORing the bank, row address, and column address of the data memory with the
contents of the index register, and an instruction is executed to the data memory specified by the result of
the OR operation (called actual address).
Address modification by the index register is subjected to all data memory manipulation instructions.
The following instructions are not subject to modification.
INC
AR
RORC
r
INC
IX
CALL
addr
MOVT
DBF, @AR
CALL
@AR
PUSH
AR
RET
POP
AR
RETSK
PEEK
WR, rf
RETI
POKE
rf, WR
EI
GET
DBF, p
DI
PUT
p, DBF
STOP
s
BR
addr
HALT
h
BR
@AR
NOP
(2) Data memory row address pointer
When a general register indirect transfer instruction (“MOV @r, m”, “MOV m, @r”) is executed, the address
of the indirect transfer destination is modified.
This modification, however, is valid only when the MPE flag is set to “1”.
To modify the address, the bank and row address at the indirect transfer destination are replaced with the
contents of the data memory row address pointer.
Instructions other than the general register indirect transfer instruction is not subject to address modifica-
tion.
(3) Index register increment instruction (“INC IX”)
This instruction increments the contents of the index register by one at a time.
Because the index register consists of 9 bits, if the “INC IX” instruction is executed when the contents of
the index register are “1FFH”, the index register is cleared to “000H”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com