Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD17010GF Datasheet(PDF) 13 Page - NEC

Part # UPD17010GF
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE DEDICATED TO DIGITAL TUNING SYSTEM
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17010GF Datasheet(HTML) 13 Page - NEC

Back Button UPD17010GF Datasheet HTML 9Page - NEC UPD17010GF Datasheet HTML 10Page - NEC UPD17010GF Datasheet HTML 11Page - NEC UPD17010GF Datasheet HTML 12Page - NEC UPD17010GF Datasheet HTML 13Page - NEC UPD17010GF Datasheet HTML 14Page - NEC UPD17010GF Datasheet HTML 15Page - NEC UPD17010GF Datasheet HTML 16Page - NEC UPD17010GF Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 424 page
background image
13
µPD17010
Pin No.
Symbol
Function
Output Format
Power-ON Reset
13
CE
Selects operation of
µPD17010 and inputs reset
—
Input
signal.
(1) Device operation selection
The PLL frequency synthesizer can operate
while CE pin is high.
When CE pin is low, the PLL frequency
synthesizer is automatically disabled
(operation inhibited) internally.
(2) Reset signal input
When CE pin goes high, device is reset in
synchronization with internal basic timer 0
carry FF (CE reset).
This pin does not accept high or low level of
less than 110 to 165
µs to prevent malfunction-
ing due to noise.
Input signal level of this pin can be detected by
CEJDG register (address 07H) of register file.
At this time, contents of CEJDG register are
not changed by low or high level of less than
110 to 165
µs. This pin is Schmitt trigger input
pin with hysteresis.
Exercise care that voltage higher than VDD is
not applied to this pin on power application.
If voltage higher than VDD is applied,
µPD17010 may not operate correctly.
14
P1A3
I/O of port 1A and input of external gate counter.
CMOS push-pull
Input
• P1A3-P1A0
(P1A3-P1A0)
(P1A3-P1A0)
16
P1A1
• 4-bit CMOS I/O port
17
P1A0/FCG
• Can be set in input or output mode in 1-bit units
• FCG
• Input to frequency counter for external gate
18
P1B3/PWM2Note
Port 1B, and output of D/A converter and clock
N-ch open-drain
Outputs undefined
19
P1B2/PWM1Note
generator port.
Withstanding 16 V
data (P1B3-P1B0)
20
P1B1/PWM0Note
• P1B3-P1B0
P1B3-PWM2
21
P1B0/CGP
• 4-bit output port
• PWM2-PWM0
P1B1-PWM0
• Output of D/A converter with 8-bit resolution
CMOS
• CGP
push-pull
• Clock generator port output
(P1B0-CGP)
22
P1C3
4-bit CMOS output port
CMOS
Outputs undefined
push-pull
data
25
P1C0
Note
The P1B3/PWM2 through P1B1/PWM0 are N-ch open-drain output pins and must be connected with external
pull-up resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com