Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD17010GF Datasheet(PDF) 85 Page - NEC

Part # UPD17010GF
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE DEDICATED TO DIGITAL TUNING SYSTEM
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17010GF Datasheet(HTML) 85 Page - NEC

Back Button UPD17010GF Datasheet HTML 81Page - NEC UPD17010GF Datasheet HTML 82Page - NEC UPD17010GF Datasheet HTML 83Page - NEC UPD17010GF Datasheet HTML 84Page - NEC UPD17010GF Datasheet HTML 85Page - NEC UPD17010GF Datasheet HTML 86Page - NEC UPD17010GF Datasheet HTML 87Page - NEC UPD17010GF Datasheet HTML 88Page - NEC UPD17010GF Datasheet HTML 89Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 424 page
background image
85
µPD17010
10.4 Stack Pointer, Address Stack Register, and Program Counter
The address stack register saves a return address from which program execution is resumed when execution has
returned from an interrupt processing routine.
The stack pointer specifies the address of an address stack register.
When an interrupt has been accepted, the value of the stack pointer is decremented by one, and the value of the
program counter at that time is saved to the address stack register specified by the stack pointer.
When a dedicated return instruction “RETI” is executed after the processing of the interrupt processing routine has
been completed, the contents of the address stack register specified by the stack pointer are restored to the program
counter, and the value of the stack pointer is incremented by one.
For more information, refer to 3. ADDRESS STACK (ASK).
10.5 Interrupt Enable Flip-Flop (INTE)
The interrupt enable flip-flop enables all the interrupts.
When this flip-flop is set, all the interrupts are enabled. When it is reset, all the interrupts are disabled.
To set or reset this flip-flop, a dedicated instruction, “EI (to set)” or “DI (to reset)”, is used.
The “EI” instruction sets this flip-flop when the next instruction is executed, and the “DI” instruction resets the flip-
flop during its execution.
When an interrupt is accepted, this flip-flop is automatically reset.
Even if the “DI” instruction is executed in the DI status, or if the “DI” instruction is executed in the EI status, nothing
is affected.
This flip-flop is reset at power-ON reset or CE reset, and when the clock stop instruction is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com