Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2971 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2971
Description  Using the typical temperature characteristics of 32 KHz crystal
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2971 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2971 Datasheet HTML 3Page - STMicroelectronics AN2971 Datasheet HTML 4Page - STMicroelectronics AN2971 Datasheet HTML 5Page - STMicroelectronics AN2971 Datasheet HTML 6Page - STMicroelectronics AN2971 Datasheet HTML 7Page - STMicroelectronics AN2971 Datasheet HTML 8Page - STMicroelectronics AN2971 Datasheet HTML 9Page - STMicroelectronics AN2971 Datasheet HTML 10Page - STMicroelectronics AN2971 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AN2971
Example
Doc ID 15627 Rev 1
7/12
Figure 5.
32 KHz crystal curve, PPM versus temperature
–160
010
20
3040506070
Frequency drift (ppm)
Temperature °C
80
–10
–20
–30
–40
–100
–120
–140
–40
–60
–80
20
0
–20
= –0.036 ppm/°C
2 ± 0.006 ppm/°C2
k
∆f = k x (T – T
O)
2
f
T
O = 25°C ± 5°C
Factory calibration value, FCAL, places operation at ~0 PPM at 25°C.
Step 1: Read temperature
Step 2: Look up ΔPPM from PPM vs.
temperature graph/table (figure 5 and
figure 6)
Example:
Temperature read is 58°C.
ΔPPM
Curve/table shows that clock
will be ~43 PPM slow. Thus, ΔPPM
should be +43 PPM (Here, + means
faster).
Fast
Slow
43 PPM
Steps
Analog calibration sequence:
AM03097v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com