Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2971 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2971
Description  Using the typical temperature characteristics of 32 KHz crystal
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2971 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2971 Datasheet HTML 1Page - STMicroelectronics AN2971 Datasheet HTML 2Page - STMicroelectronics AN2971 Datasheet HTML 3Page - STMicroelectronics AN2971 Datasheet HTML 4Page - STMicroelectronics AN2971 Datasheet HTML 5Page - STMicroelectronics AN2971 Datasheet HTML 6Page - STMicroelectronics AN2971 Datasheet HTML 7Page - STMicroelectronics AN2971 Datasheet HTML 8Page - STMicroelectronics AN2971 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Additional considerations
AN2971
2/12
Doc ID 15627 Rev 1
1
Additional considerations
The turnover point is the temperature at which the crystal is at its highest frequency. This is
the maximum or highest point on the temperature parabola and is referred to as T0. In
Figure 1, it was assumed the turnover point was 25°C. It will in fact range between 20 and
30°C for most 32 KHz crystals.
Figure 2.
Typical temperature curves for three different turnover points after
calibration to 0 ppm at 25°C
During factory calibration of the M41T83 and M41T93, the oscillator frequency is adjusted
until the device is very close to 0 PPM at 25°C. This has the effect of moving the
temperature curve up and down.
If the turnover point is at 20°C, after factory calibration, the device will be at 0 PPM at 25°C,
but will run at its fastest at 20°C. This is depicted by the orange curve.
Similarly, if the turnover point is at 30°C, after factory calibration, the device will be at 0 PPM
at 25°C, but will run at its fastest at 30°C. This is depicted by the blue curve.
Thus, the temperature turnover point moves up and down with calibration, but remains at the
same temperature.
Three turnover points (k=0.036, typical)
-35
-30
-25
-20
-15
-10
-5
0
5
0
1020304050
TEMP (°C)
30
25
20
T0 (°C)
AM04628v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com