Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2971 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2971
Description  Using the typical temperature characteristics of 32 KHz crystal
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2971 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2971 Datasheet HTML 1Page - STMicroelectronics AN2971 Datasheet HTML 2Page - STMicroelectronics AN2971 Datasheet HTML 3Page - STMicroelectronics AN2971 Datasheet HTML 4Page - STMicroelectronics AN2971 Datasheet HTML 5Page - STMicroelectronics AN2971 Datasheet HTML 6Page - STMicroelectronics AN2971 Datasheet HTML 7Page - STMicroelectronics AN2971 Datasheet HTML 8Page - STMicroelectronics AN2971 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AN2971
Additional considerations
Doc ID 15627 Rev 1
3/12
When the minimum and maximum values are included for all three turnover points, the
curves of Figure 3 are derived. The pink region is the same as before in Figure 1 and
represents the minimum and maximum cases for a turnover of 25°C. The pink brackets on
either side of Figure 3 help make this clear.
Figure 3.
Range of drift for three turnover points
The blue shaded region covers the minimum and maximum cases for a turnover of 30°C,
and the orange shaded region covers the minimum and maximum cases for a turnover of
20°C. The entire range of drift is indicated by the dashed black lines, and is the sum of the
three cases.
-210
-160
-110
-60
-10
40
-50 -40 -30 -20 -10
0
10
20 30
40 50 60
70 80
90 100
TEMP (°C)
20/0.030
20/0.036
20/0.042
25/0.030
25/0.036
25/0.042
30/0.030
30/0.036
30/0.042
T0=30°C
T0=25°C
T0=20°C
T0=30°C
T0=25°C
T0=20°C
T0/k
AM04629v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com