Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3254 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3254
Description  SPI protocol for the STPMC1 metering device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3254 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3254 Datasheet HTML 5Page - STMicroelectronics AN3254 Datasheet HTML 6Page - STMicroelectronics AN3254 Datasheet HTML 7Page - STMicroelectronics AN3254 Datasheet HTML 8Page - STMicroelectronics AN3254 Datasheet HTML 9Page - STMicroelectronics AN3254 Datasheet HTML 10Page - STMicroelectronics AN3254 Datasheet HTML 11Page - STMicroelectronics AN3254 Datasheet HTML 12Page - STMicroelectronics AN3254 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AN3254
SPI operations
Doc ID 17783 Rev 1
9/24
1.
collect all addresses of bits to be permanently set into some list
2.
clear all OTP shadow latches
3.
set the system signal RD
4.
connect a current source of at least +14 V, 1 mA to 3 mA to the VOTP pin
5.
wait until VOTP voltage is stable
6.
write one of the bits from the list (as the RD signal is set, the bit is written in the
corresponding OTP shadow latch)
7.
set the system signal WE
8.
wait for 300 µs
9.
clear the system signal WE
10. clear the OTP shadow latch which was set in step 6
11. until all wanted bits are permanently set, repeat steps 5 to 10
12. disconnect the current source
13. wait until VOTP voltage is less than 3 V
14. clear the system signal RD
15. read all data records, in the last two there is read back of all configuration bits
16. if verification of CFG bits fails and there is still a chance to pass, repeat steps 1 to 16.
For the steps above which ask of set or clear, apply the timing shown in Figure 3 with proper
data on the SDA.
For step 15 apply the timing shown in Figure 4.
For a permanent set of the TSTD bit, which locks the device, the procedure above must be
conducted in such a way that steps 6 to 13 are performed in series during a single period of
active SCS because the idle state of SCS would make the signal TSTD immediately
effective.
This would abort the procedure, and it would possibly destroy the device.
In fact the clearing of system signal RD would connect all gates of 3 V NMOS sense
amplifiers of already permanently set bits to the VOTP source.
3.4
Reading data registers
There are two phases of reading, called latching and shifting.
●
Latching is used to sample results into transmission latches. This is done with the
active pulse on SYN when SCS is idle. The length of pulse on SYN must be longer than
2 periods of the measurement clock, i.e. more than 500 ns.
●
Shifting starts when SCS becomes active. In the beginning of this phase another, but
much shorter pulse (30 ns) on SYN should be applied. An alternative way is to extend
the pulse on SYN into the second phase of reading. Latching and shifting finish at the
dotted line in the timing diagram shown in Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com