Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3254 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN3254
Description  SPI protocol for the STPMC1 metering device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3254 Datasheet(HTML) 3 Page - STMicroelectronics

  AN3254 Datasheet HTML 1Page - STMicroelectronics AN3254 Datasheet HTML 2Page - STMicroelectronics AN3254 Datasheet HTML 3Page - STMicroelectronics AN3254 Datasheet HTML 4Page - STMicroelectronics AN3254 Datasheet HTML 5Page - STMicroelectronics AN3254 Datasheet HTML 6Page - STMicroelectronics AN3254 Datasheet HTML 7Page - STMicroelectronics AN3254 Datasheet HTML 8Page - STMicroelectronics AN3254 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AN3254
SPI module description
Doc ID 17783 Rev 1
3/24
1
SPI module description
The STPMC1 SPI interface supports a simple serial protocol, which is implemented in order
to enable a communication between a host system (microcontroller or PC) and the device.
With this interface it is possible to perform the following tasks:
●
remote reset of the device
●
temporary and permanent programming of internal configuration/calibration data and
system signals
●
reading of internal data registers (shown in Figure 5).
Four pins of the device are dedicated to this purpose: SCS, SYN, SCL, and SDA.
When the STPMC1 is in standalone mode, SYN, SCL, and SDA can provide information on
the meter status (see the STPMC1 datasheet for more information) and are not used for SPI
communication. In this document, the SYN, SCL, and SDA operation as part of the SPI
interface is described.
SCS, SYN, and SCL are all input pins while SDA can be input or output depending on
whether the SPI is in write or read mode.
The internal registers are not directly accessible, rather, a 32-bit of transmission latches are
used to pre-load the data before being read or written to the internal registers.
The condition in which SCS, SYN, and SCL inputs are set to a high level determines the idle
state of the SPI interface and no data transfer occurs. Any SPI operation should start from
this idle state. The exception to this rule is when the STPMC1 has been put into standalone
application mode. In such mode it is possible that pin states of the SCL, SDA, and SYN are
not high due to the states of corresponding internal status bits.
●
SCS: enables SPI operation when low, both in standalone and in peripheral operating
mode. This means that the master can abort any task in any phase by deactivation of
SCS. In standalone mode SCS high enables SYN, SCL, and SDA to output the meter
status.
●
SYN: when SCS is low, the SYN pin status selects if the SPI is in read (SYN=1) or write
mode (SYN=0). When SCS is high and SYN is also high, the results of the input or
output data are transferred to the transmission latches.
●
SCL: is the clock pin of the SPI interface. This pin function is also controlled by the SCS
status. If SCS is low, SCL is the input of the serial bit synchronization clock signal.
When SCS is high, SCL is also high, determining the idle state of the SPI.
Configuration bit SCLP controls the polarity of the clock. SCLP=0 sets the clock idle
state SCL=1, while SCLP=1 sets the clock idle state SCL=0.
●
SDA: is the data pin. If SCS is low, the operation of SDA is dependent on the status of
the SYN pin. If SYN is high, SDA is the output of serial bit data (read mode). If SYN is
low, SDA is the input of serial bit data signal (write mode). If SCS is high, SDA is idle.
When SCS is active (low), the signal SDA should change its state at the trailing edge of
signal SCL and the signal SDA should be stable at the next leading edge of signal SCL.
The first valid bit of SDA is always started with activation of signal SCL. This is valid if
SCLP=0, otherwise the polarity of the clock is inverted.
A high level signal for these pins means a voltage level higher than 0.75 x VCC, while a low
level signal means a voltage value lower than 0.25 x VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com