Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3254 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3254
Description  SPI protocol for the STPMC1 metering device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3254 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3254 Datasheet HTML 1Page - STMicroelectronics AN3254 Datasheet HTML 2Page - STMicroelectronics AN3254 Datasheet HTML 3Page - STMicroelectronics AN3254 Datasheet HTML 4Page - STMicroelectronics AN3254 Datasheet HTML 5Page - STMicroelectronics AN3254 Datasheet HTML 6Page - STMicroelectronics AN3254 Datasheet HTML 7Page - STMicroelectronics AN3254 Datasheet HTML 8Page - STMicroelectronics AN3254 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AN3254
SPI interface timings
Doc ID 17783 Rev 1
5/24
2
SPI interface timings
In Table 1 above, fXTAL1 is the oscillator clock frequency (see the STPMC1 datasheet for
details).
Table 1.
SPI interface timings
Symbol
Parameter
Min.
Typ.
Max.
Unit
FSCLKr
Data read speed
32
MHz
FSCLKw
Data write speed
100
kHz
tDS
Data setup time
20
ns
tDH
Data hold time
0
ns
tON
Data driver on time
20
ns
tOFF
Data driver off time
20
ns
tSYN
SYN active width
2/fXTAL1
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com