Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4402 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4402
Description  Multichannel drivers driving inductive loads
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4402 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4402 Datasheet HTML 1Page - STMicroelectronics AN4402 Datasheet HTML 2Page - STMicroelectronics AN4402 Datasheet HTML 3Page - STMicroelectronics AN4402 Datasheet HTML 4Page - STMicroelectronics AN4402 Datasheet HTML 5Page - STMicroelectronics AN4402 Datasheet HTML 6Page - STMicroelectronics AN4402 Datasheet HTML 7Page - STMicroelectronics AN4402 Datasheet HTML 8Page - STMicroelectronics AN4402 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
DocID025557 Rev 1
3/39
AN4402
List of tables
3
List of tables
Table 1.
Specification of clamping voltages - L99MC6 and L9733 . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Table 2.
EDEMAG_LS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Table 3.
Example of application parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 4.
Energy parameters vs RP values. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 5.
Analogies between the equations for a low-side and a high-side . . . . . . . . . . . . . . . . . . . . 17
Table 6.
EDEMAG1_HS with VBAT < VCL_LS – VCL_HS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Table 7.
EDEMAG2_HS with VBAT > VCL_LS – VCL_HS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Table 8.
Low-side output - conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Table 9.
Overestimation of EDEMAG caused by the simplification: RL = 0 Ω. . . . . . . . . . . . . . . . . . . 23
Table 10.
high-side output - conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Table 11.
Energy values vs battery voltages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Table 12.
Application conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Table 13.
EDEMAG_MAX and corresponding tDEMAG for a single pulse, TJSTART = 150°C, RL = 0 Ω,
VBAT = 13.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Table 14.
EDEMAG_MAX and corresponding tDEMAG for a repetitive pulse with TJSTART = 100 °C,
RL = 0 Ω, VBAT = 13.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Table 15.
Glossary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Table 16.
Demagnetization time and demagnetization energy for a low-side configured output . . . . 35
Table 17.
Demagnetization time and demagnetization energy for a high-side configured output . . . 36
Table 18.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com