Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4402 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4402
Description  Multichannel drivers driving inductive loads
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4402 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4402 Datasheet HTML 1Page - STMicroelectronics AN4402 Datasheet HTML 2Page - STMicroelectronics AN4402 Datasheet HTML 3Page - STMicroelectronics AN4402 Datasheet HTML 4Page - STMicroelectronics AN4402 Datasheet HTML 5Page - STMicroelectronics AN4402 Datasheet HTML 6Page - STMicroelectronics AN4402 Datasheet HTML 7Page - STMicroelectronics AN4402 Datasheet HTML 8Page - STMicroelectronics AN4402 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
List of figures
AN4402
4/39
DocID025557 Rev 1
List of figures
Figure 1.
Block diagrams on the L99MC6 and L9733 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Low-side and high-side configured output driving inductive loads . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
Low-side of a L99MC6 during the turn-off phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 4.
L99MC6 high-side during the turn-off, VBAT < VCL_LS - VCL_HS . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 5.
L99MC6 high-side during the turn-off, VBAT > VCL_LS - VCL_HS . . . . . . . . . . . . . . . . . . . . . . 9
Figure 6.
Relay with spike protection resistor in parallel to the coil . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 7.
Equivalent electrical diagram during the turn-off phase of an inductive load with parallel
resistor, driven by a low-side configured output. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 8.
Equivalent electrical diagram of the turn-off phase of an inductive load driven by a
low-side configured output, without parallel resistor to the load . . . . . . . . . . . . . . . . . . . . . 14
Figure 9.
EDEMAG_LS vs RP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 10.
Equivalent circuit during the demagnetization of a high-side with parallel resistor,
VBAT < VCL_LS - VCL_HS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 11.
Equivalent circuit during the demagnetization of a high-side with parallel resistor,
VBAT > VCL_LS - VCL_HS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 12.
Contribution of the factor 1 / (1 - (VCL_LS/VBAT)) to the increase EDEMAG with VBAT . . . . . 22
Figure 13.
EDEMAG_LS vs VBAT – Example of a low-side output of the L99MC6 . . . . . . . . . . . . . . . . . 23
Figure 14.
Example - Relative EDEMAG_LS to EDEMAG@VBAT=13V versus VBAT/13V (No parallel
resistor) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 15.
EDEMAG_HS vs VBAT – Example of a high-side output of the L99MC6 . . . . . . . . . . . . . . . . 25
Figure 16.
Datasheet L99MC6 - Inductive energy capability of configurable channels, configured as
low-side switch . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 17.
EDEMAG_MAX vs tDEMAG for a single pulse TJSTART = 150°C . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 18.
EDEMAG_MAX vs tDEMAG for repetitive pulse TJSTART = 100°C . . . . . . . . . . . . . . . . . . . . . . 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com