Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4475 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4475
Description  Safety Application Guide for SPC563Mxx family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4475 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4475 Datasheet HTML 5Page - STMicroelectronics AN4475 Datasheet HTML 6Page - STMicroelectronics AN4475 Datasheet HTML 7Page - STMicroelectronics AN4475 Datasheet HTML 8Page - STMicroelectronics AN4475 Datasheet HTML 9Page - STMicroelectronics AN4475 Datasheet HTML 10Page - STMicroelectronics AN4475 Datasheet HTML 11Page - STMicroelectronics AN4475 Datasheet HTML 12Page - STMicroelectronics AN4475 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Functional safety requirements for application software
AN4475
10/27
DocID026216 Rev 1
2.6
Interrupt Controller (INTC)
Suggested: [covers: SW_INTC_APPLICATION] integrity of the INTC module is checked.
These specific software countermeasures can run once after the Power-On Reset (POR)
before the safety application starts. [end]
Implementation hint: e.g. the INTC module is configured to generate some interrupt
requests and the expected behavior is verified.
Suggested: [covers: SW_ISR_SELF_TEST] considering that no specific hardware
protection is implemented against failures in the Interrupt Controller, spurious/missing
interrupt requests caused by Electromagnetic Interference (EMI) or by bit flips in the
interrupt registers of the peripherals, applications not resilient against such errors are
included detection or protection software countermeasures. These specific software
countermeasures can run for each interrupt request. [end]
Rationale: to verify interrupt requests are serviced correctly.
Implementation hint: e.g. spurious interrupts can be detected checking corresponding
interrupt status in the interrupt status register of the related peripheral before executing the
Interrupt Service Routine (ISR) code and missing interrupts, if they are synchronous, can be
detected checking the program flow.
2.7
Enhanced Direct Memory Access (eDMA)
Suggested: [covers: SW_DMA_APPLICATION] considering that no specific hardware
protection is implemented against failures in the eDMA, spurious/missing eDMA requests
caused by Electromagnetic Interference (EMI) or by bit flips in the interrupt registers of the
peripherals, applications not resilient against such errors are included detection or
protection software countermeasures. These specific software countermeasures can run
once after the Power-On Reset (POR) before running the SIF. [end]
Rationale: to verify eDMA requests are serviced correctly.
Implementation hint: specific software countermeasures are implemented to detect eDMA
permanent faults. These specific software countermeasures are application-dependent.
2.8
Communication peripherals
The SPC563Mxx includes the following communication peripherals:
•
FlexCAN
•
Deserial Serial Peripheral Interface (DSPI)
•
Enhanced Serial Communication Interface (eSCI)
Suggested: [covers: SW_xxx_FT_COMM_PROT] an appropriate safety software protocol
should be implemented (e.g. Fault Tolerant Communication Layer or FTCOM) for any
communication peripheral employed to meet safety application requirements. [end]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com