Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TN0108 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TN0108
Description  Migration differences between SPC560B4x/50
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0108 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TN0108 Datasheet HTML 8Page - STMicroelectronics TN0108 Datasheet HTML 9Page - STMicroelectronics TN0108 Datasheet HTML 10Page - STMicroelectronics TN0108 Datasheet HTML 11Page - STMicroelectronics TN0108 Datasheet HTML 12Page - STMicroelectronics TN0108 Datasheet HTML 13Page - STMicroelectronics TN0108 Datasheet HTML 14Page - STMicroelectronics TN0108 Datasheet HTML 15Page - STMicroelectronics TN0108 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Peripherals
TN0108
12/26
Doc ID 15874 Rev 2
5.2
ADC register map change
The ADC memory map and register description has fundamentally changed between
Cut 1.1 and Cut 2 devices. This was to bring the ADC implementation more in-line with the
format of other peripherals (for example including a Module Configuration Register).
Migrating ADC code between Cut 1.1 and Cut 2 requires a code re-write to use the new
register and bit field names. There is a new header file available to support the new interface
on Cut 2.
There are also some functional changes to the ADC going from Cut 1.1 to Cut 2 that are
detailed in the next three sections.
5.3
ADC additional external result registers
The ADC has four external channels ANX[0..3]. These can be used with four external 8-bit
multiplexers (controlled by the MA[0..2] bits) to provide up to 32 extended ADC channels.
Cut 1.1 devices have a single result register for each of the four external ADC channels.
On Cut 2 devices, there are 32 external results registers, so there is a unique results
register for each supported external channel. The results are automatically stored in the
appropriate external channel, thus allowing the user to treat an externally multiplexed
channel in the same manner as an internal channel.
Table 9.
RGM_DERD and RGM_FERD write-once protection
Silicon revision
External multiplexed channels
Implications
SPC560B Cut 1.1
Four results registers, one per ANX[0..3]
channel.
Need to read result register before
another channel on same external
multiplexer is used again.
SPC560B Cut 2
32 results registers, one for each potential
externally multiplexed channel.
External ADC channels can be treated
the same as internal channels in
software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com